Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS1103B Datasheet(PDF) 31 Page - List of Unclassifed Manufacturers

Part # VS1103B
Description  MIDI/ADPCM AUDIO CODEC
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VS1103B Datasheet(HTML) 31 Page - List of Unclassifed Manufacturers

Back Button VS1103B Datasheet HTML 27Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 28Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 29Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 30Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 31Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 32Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 33Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 34Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 35Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 61 page
background image
VLSI
Solution
y
VS1103b
VS1103B
6. FUNCTIONAL DESCRIPTION
Bits in SM EARSPEAKER control EarSpeaker spatial processing. They are used as follows:
SM EARSPEAKER
Setting
0
Off
1
Minimal
2
Normal
3
Extreme
EarSpeaker uses approximately 6 MIPS at 44.1 kHz sample rate.
SM LINE IN is used to select the input for ADPCM recording. If ’0’, microphone input pins MICP and
MICN are used; if ’1’, LINEIN is used.
When SM ADPCM is turned on, ADPCM encoding is activated (see Image 12 at Page 26).
6.6.2 SCI STATUS (RW)
SCI STATUS contains information on the current status of VS1103b and lets the user shutdown the chip
without audio glitches.
Name
Bits
Description
SS VER
7:4
Version
SS APDOWN2
3
Analog driver powerdown
SS APDOWN1
2
Analog internal powerdown
SS AVOL
1:0
Analog volume control
SS VER is 0 for VS1001, 1 for VS1011, 2 for VS1002, 3 for VS1003, 4 for VS1053, 5 for VS1033, and
7 for VS1103.
SS APDOWN2 controls analog driver powerdown. Normally this bit is controlled by the system firmware.
However, if the user wants to powerdown VS1103b with a minimum power-off transient, turn this bit to
1, then wait for at least a few milliseconds before activating reset.
SS APDOWN1 controls internal analog powerdown. This bit is meant to be used by the system firmware
only.
SS AVOL is the analog volume control: 0 = -0 dB, 1 = -6 dB, 3 = -12 dB. This register is meant to be
used automatically by the system firmware only.
6.6.3 SCI BASS (RW)
Name
Bits
Description
ST AMPLITUDE
15:12
Treble Control in 1.5 dB steps (-8..7, 0 = off)
ST FREQLIMIT
11:8
Lower limit frequency in 1000 Hz steps (0..15)
SB AMPLITUDE
7:4
Bass Enhancement in 1 dB steps (0..15, 0 = off)
SB FREQLIMIT
3:0
Lower limit frequency in 10 Hz steps (2..15)
The Bass Enhancer VSBE is a powerful bass boosting DSP algorithm, which tries to take the most out
Version 1.01, 2007-09-03
31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com