Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS1103B Datasheet(PDF) 43 Page - List of Unclassifed Manufacturers

Part # VS1103B
Description  MIDI/ADPCM AUDIO CODEC
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VS1103B Datasheet(HTML) 43 Page - List of Unclassifed Manufacturers

Back Button VS1103B Datasheet HTML 39Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 40Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 41Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 42Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 43Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 44Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 45Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 46Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 47Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 61 page
background image
VLSI
Solution
y
VS1103b
VS1103B
7. OPERATION
7.8.1 Sine Test
Sine test is initialized with the 8-byte sequence 0x53 0xEF 0x6E n 0 0 0 0, where n defines the sine test
to use. n is defined as follows:
n bits
Name
Bits
Description
F sIdx
7:5
Sample rate index
S
4:0
Sine skip speed
F sIdx
F s
0
44100 Hz
1
48000 Hz
2
32000 Hz
3
22050 Hz
4
24000 Hz
5
16000 Hz
6
11025 Hz
7
12000 Hz
The frequency of the sine to be output can now be calculated from F = F s × S
128 .
Example: Sine test is activated with value 126, which is 0b01111110. Breaking n to its components,
F sIdx = 0b011 = 3 and thus F s = 22050Hz. S = 0b11110 = 30, and thus the final sine frequency
F = 22050Hz × 30
128 ≈ 5168H z.
To exit the sine test, send the sequence 0x45 0x78 0x69 0x74 0 0 0 0.
Note: Sine test signals go through the digital volume control, so it is possible to test channels separately.
7.8.2 Pin Test
Pin test is activated with the 8-byte sequence 0x50 0xED 0x6E 0x54 0 0 0 0. This test is meant for chip
production testing only.
Version 1.01, 2007-09-03
43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com