Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS1103B Datasheet(PDF) 34 Page - List of Unclassifed Manufacturers

Part # VS1103B
Description  MIDI/ADPCM AUDIO CODEC
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VS1103B Datasheet(HTML) 34 Page - List of Unclassifed Manufacturers

Back Button VS1103B Datasheet HTML 30Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 31Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 32Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 33Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 34Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 35Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 36Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 37Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 38Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 61 page
background image
VLSI
Solution
y
VS1103b
VS1103B
6. FUNCTIONAL DESCRIPTION
Only user areas in X, Y, and instruction memory are listed above. Other areas can be accessed, but should
not be written to unless otherwise specified.
6.6.9 SCI IN0 and SCI IN1 (R)
SCI IN0 and SCI IN1 are used for offering SCI stream data and for reading encoded ADPCM Stream 4
data.
The bits in the registers are as follows:
Register
R/W
Bits/
Description
SCI IN0
Read
15:0
Read one word from Stream 4
SCI IN0
Write
15:0
Write one word to SCI sourced stream
SCI IN1
Read
15:8
Number of words ×8 that can be read from SCI IN0 (Stream 4)
SCI IN1
Read
7:0
Number of words ×8 that can be written to SCI IN0 (SCI sourced stream)
Note: Data word length is 16 bits.
Example: If reading SCI IN1 returns 0x0312, then 0x03×8 words = 24 words = 48 bytes can be read
from SCI IN0 and 0x12×8 words = 144 words = 288 bytes can be written to SCI IN0.
6.6.10 SCI AIADDR (RW)
SCI AIADDR indicates the start address of the application code written earlier with SCI WRAMADDR
and SCI WRAM registers. If no application code is used, this register should not be initialized, or it
should be initialized to zero. For more details, see Application Notes for VS10XX.
6.6.11 SCI VOL (RW)
SCI VOL is a volume control for the player hardware. For each channel, a value in the range of 0..254
may be defined to set its attenuation from the maximum volume level (in 0.5 dB steps). The left channel
value is then multiplied by 256 and the values are added. Thus, maximum volume is 0 and total silence
is 0xFEFE.
Example: for a volume of -2.0 dB for the left channel and -3.5 dB for the right channel: (4*256) + 7
= 0x407. Note, that at startup volume is set to full volume. Resetting the software does not reset the
volume setting.
Note: Setting SCI VOL to 0xFFFF will activate analog powerdown mode.
Version 1.01, 2007-09-03
34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com