Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS1103B Datasheet(PDF) 33 Page - List of Unclassifed Manufacturers

Part # VS1103B
Description  MIDI/ADPCM AUDIO CODEC
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VS1103B Datasheet(HTML) 33 Page - List of Unclassifed Manufacturers

Back Button VS1103B Datasheet HTML 29Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 30Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 31Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 32Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 33Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 34Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 35Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 36Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 37Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 61 page
background image
VLSI
Solution
y
VS1103b
VS1103B
6. FUNCTIONAL DESCRIPTION
Note: Because maximum sample rate is XT ALI
256
, all sample rates are not available if XTALI < 12.288
MHz.
Example: If SCI CLOCKF is 0xC3E8, SC MULT = 6 and SC FREQ = 0x3E8 = 1000. This means that
XTALI = 1000 × 4000 + 8000000 = 12 MHz. The clock multiplier is set to 4.0×XTALI = 48 MHz.
6.6.5 SCI DECODE TIME (RW)
When decoding correct MIDI data, current decoded time is shown in this register in full seconds.
The user may change the value of this register. In that case the new value should be written twice.
SCI DECODE TIME is reset at every software reset and also when MIDI decoding starts or ends.
6.6.6 SCI AUDATA (RW)
The current sample rate and number of channels can be found in bits 15:1 and 0 of SCI AUDATA,
respectively. Bits 15:1 contain the sample rate divided by two, and bit 0 is 0 for mono data and 1 for
stereo. Writing to SCI AUDATA will change the sample rate directly (not recommended for VS1103b!).
As VS1103b always runs in stereo mode at 44100 Hz, contents of this register is always 0xAC45 (44101).
6.6.7 SCI WRAM (RW)
SCI WRAM is used to upload application programs and data to instruction and data RAMs. The start
address must be initialized by writing to SCI WRAMADDR prior to the first write/read of SCI WRAM.
As 16 bits of data can be transferred with one SCI WRAM write/read, and the instruction word is 32 bits
long, two consecutive writes/reads are needed for each instruction word. The byte order is big-endian
(i.e. most significant byte first). After each full-word write/read, the internal pointer is autoincremented.
6.6.8 SCI WRAMADDR (W)
SCI WRAMADDR is used to set the program address for following SCI WRAM writes/reads. Address
offset of 0 is used for X, 0x4000 for Y, and 0x8000 for instruction memory. Peripheral registers can also
be accessed.
SM WRAMADDR
Dest. addr.
Bits/
Description
Start. . . End
Start. . . End
Word
0x1800. . . 0x187F
0x1800. . . 0x187F
16
X data RAM
0x5800. . . 0x587F
0x1800. . . 0x187F
16
Y data RAM
0x8030. . . 0x84FF
0x0030. . . 0x04FF
32
Instruction RAM
0xC000. . . 0xFFFF
0xC000. . . 0xFFFF
16
I/O
Version 1.01, 2007-09-03
33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com