Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS1103B Datasheet(PDF) 53 Page - List of Unclassifed Manufacturers

Part # VS1103B
Description  MIDI/ADPCM AUDIO CODEC
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VS1103B Datasheet(HTML) 53 Page - List of Unclassifed Manufacturers

Back Button VS1103B Datasheet HTML 49Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 50Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 51Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 52Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 53Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 54Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 55Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 56Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 57Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 61 page
background image
VLSI
Solution
y
VS1103b
VS1103B
8. VS1103B REGISTERS
8.11.6 Interrupts and Operation
Transmitter operates as follows: After an 8-bit word is written to the transmit data register it will be
transmitted instantly if the transmitter is not busy transmitting the previous byte. When the transmission
begins a TX INTR interrupt will be sent. Status bit [1] informs the transmitter data register empty (or
full state) and bit [0] informs the transmitter (shift register) empty state. A new word must not be written
to transmitter data register if it is not empty (bit [1] = ’0’). The transmitter data register will be empty
as soon as it is shifted to transmitter and the transmission is begun. It is safe to write a new word to
transmitter data register every time a transmit interrupt is generated.
Receiver operates as follows: It samples the RX signal line and if it detects a high to low transition, a
start bit is found. After this it samples each 8 bit at the middle of the bit time (using a constant timer),
and fills the receiver (shift register) LSB first. Finally if a stop bit (logic high) is detected the data in
the receiver is moved to the reveive data register and the RX INTR interrupt is sent and a status bit[2]
(receive data register full) is set, and status bit[2] old state is copied to bit[3] (receive data overrun). After
that the receiver returns to idle state to wait for a new start bit. Status bit[2] is zeroed when the receiver
data register is read.
RS232 communication speed is set using two clock dividers. The base clock is the processor master
clock. Bits 15-8 in these registers are for first divider and bits 7-0 for second divider. RX sample
frequency is the clock frequency that is input for the second divider.
Version 1.01, 2007-09-03
53



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com