Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS1103B Datasheet(PDF) 23 Page - List of Unclassifed Manufacturers

Part # VS1103B
Description  MIDI/ADPCM AUDIO CODEC
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VS1103B Datasheet(HTML) 23 Page - List of Unclassifed Manufacturers

Back Button VS1103B Datasheet HTML 19Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 20Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 21Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 22Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 23Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 24Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 25Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 26Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 27Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 61 page
background image
VLSI
Solution
y
VS1103b
VS1103B
6. FUNCTIONAL DESCRIPTION
6 Functional Description
6.1 Main Features
VS1103b is based on a proprietary digital signal processor, VS DSP. It contains all the code and data
memory needed for WAV PCM + ADPCM audio decoding, MIDI synthesizer, together with serial in-
terfaces, a multirate stereo audio DAC and analog output amplifiers and filters. Also ADPCM audio
encoding is supported using a microphone amplifier and A/D converter. A UART is provided for debug-
ging purposes.
6.2 Supported Audio Codecs
6.2.1 Supported RIFF WAV Formats
The most common RIFF WAV subformats are supported.
Format
Name
Supported
Comments
0x01
PCM
+
16 and 8 bits, any sample rate ≤ 48kHz
0x02
ADPCM
-
0x03
IEEE FLOAT
-
0x06
ALAW
-
0x07
MULAW
-
0x10
OKI ADPCM
-
0x11
IMA ADPCM
+
Any sample rate ≤ 48kHz
0x15
DIGISTD
-
0x16
DIGIFIX
-
0x30
DOLBY AC2
-
0x31
GSM610
-
0x3b
ROCKWELL ADPCM
-
0x3c
ROCKWELL DIGITALK
-
0x40
G721 ADPCM
-
0x41
G728 CELP
-
0x50
MPEG
-
0x55
MPEGLAYER3
-
0x64
G726 ADPCM
-
0x65
G722 ADPCM
-
Version 1.01, 2007-09-03
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com