Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS1103B Datasheet(PDF) 32 Page - List of Unclassifed Manufacturers

Part # VS1103B
Description  MIDI/ADPCM AUDIO CODEC
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VS1103B Datasheet(HTML) 32 Page - List of Unclassifed Manufacturers

Back Button VS1103B Datasheet HTML 28Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 29Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 30Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 31Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 32Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 33Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 34Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 35Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 36Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 61 page
background image
VLSI
Solution
y
VS1103b
VS1103B
6. FUNCTIONAL DESCRIPTION
of the users earphones without causing clipping.
VSBE is activated when SB AMPLITUDE is non-zero. SB AMPLITUDE should be set to the user’s
preferences, and SB FREQLIMIT to roughly 1.5 times the lowest frequency the user’s audio system can
reproduce. For example setting SCI BASS to 0x00a6 will give 15 dB enhancement below 60 Hz.
Note: Because VSBE tries to avoid clipping, it gives the best bass boost with dynamical music material,
or when the playback volume is not set to maximum. It also does not create bass from nothing: the
source material must have some bass to begin with.
Treble Control VSTC is activated when ST AMPLITUDE is non-zero. For example setting SCI BASS
to 0x7a00 will give 10.5 dB treble enhancement above 10 kHz.
Bass Enhancer uses about 3.0 MIPS and Treble Control 1.2 MIPS at 44100 Hz sample rate. Both can be
on simultaneously.
6.6.4 SCI CLOCKF (RW)
SCI CLOCKF is used to control the internal clock of VS1103b.
SCI CLOCKF bits
Name
Bits
Description
SC MULT
15:13
Clock multiplier
SC ZERO
12:11
Set to zero
SC FREQ
10: 0
Clock frequency
SC MULT activates the built-in clock multiplier. This will multiply XTALI to create a higher CLKI.
The values are as follows:
SC MULT
MASK
CLKI
0
0x0000
XTALI
1
0x2000
XTALI×1.5
2
0x4000
XTALI×2.0
3
0x6000
XTALI×2.5
4
0x8000
XTALI×3.0
5
0xa000
XTALI×3.5
6
0xc000
XTALI×4.0
7
0xe000
XTALI×4.5
SC FREQ is used to tell if the input clock XTALI is running at something else than 12.288 MHz. XTALI
is set in 4 kHz steps. The formula for calculating the correct value for this register is XT ALI−8000000
4000
(XTALI is in Hz).
Note: As opposed to some other VS10XX chips, a software reset must be performed after SCI CLOCKF
has been set. It is recommended that SCI CLOCKF is set only after each hardware reset / startup.
Note: The default value 0 is assumed to mean XTALI=12.288 MHz.
Version 1.01, 2007-09-03
32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com