Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS1103B Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # VS1103B
Description  MIDI/ADPCM AUDIO CODEC
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VS1103B Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button VS1103B Datasheet HTML 7Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 8Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 9Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 10Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 11Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 12Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 13Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 14Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 61 page
background image
VLSI
Solution
y
VS1103b
VS1103B
3. CHARACTERISTICS & SPECIFICATIONS
3.4 Power Consumption
TBD
3.5 Digital Characteristics
Parameter
Symbol
Min
Typ
Max
Unit
High-Level Input Voltage
0.7×IOVDD
IOVDD+0.31
V
Low-Level Input Voltage
-0.2
0.3×IOVDD
V
High-Level Output Voltage at IO = -1.0 mA
0.7×IOVDD
V
Low-Level Output Voltage at IO = 1.0 mA
0.3×IOVDD
V
Input Leakage Current
-1.0
1.0
µA
SPI Input Clock Frequency 2
CLKI
6
MHz
Rise time of all output pins, load = 50 pF
50
ns
1 Must not exceed 3.6V
2 Value for SCI reads. SCI and SDI writes allow CLKI
4
.
3.6 Switching Characteristics - Boot Initialization
Parameter
Symbol
Min
Max
Unit
XRESET active time
2
XTALI
XRESET inactive to software ready
16600
500001
XTALI
Power on reset, rise time to CVDD
10
V/s
1 DREQ rises when initialization is complete. You should not send any data or commands before that.
Version 1.01, 2007-09-03
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com