Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS1103B Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # VS1103B
Description  MIDI/ADPCM AUDIO CODEC
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VS1103B Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button VS1103B Datasheet HTML 13Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 14Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 15Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 16Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 17Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 18Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 19Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 20Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 61 page
background image
VLSI
Solution
y
VS1103b
VS1103B
5. SPI BUSES
5.4.3 SDI in VS1001 Compatibility Mode
BSYNC
SDATA
DCLK
D7
D6
D5
D4
D3
D2
D1
D0
Figure 3: BSYNC Signal - one byte transfer.
When VS1103b is running in VS1001 compatibility mode, a BSYNC signal must be generated to ensure
correct bit-alignment of the input bitstream. The first DCLK sampling edge (rising or falling, depending
on selected polarity), during which the BSYNC is high, marks the first bit of a byte (LSB, if LSB-first
order is used, MSB, if MSB-first order is used). If BSYNC is ’1’ when the last bit is received, the receiver
stays active and next 8 bits are also received.
BSYNC
SDATA
DCLK
D7
D6
D5
D4
D3
D2
D1
D0
D7
D6
D5
D4
D3
D2
D1
D0
Figure 4: BSYNC Signal - two byte transfer.
5.4.4 Passive SDI Mode
If SM NEWMODE is 0 and SM SDISHARE is 1, the operation is otherwise like the VS1001 compat-
ibility mode, but bits are only received while the BSYNC signal is ’1’. Rising edge of BSYNC is still
used for synchronization.
5.5 Serial Protocol for Serial Command Interface (SCI)
5.5.1 General
The serial bus protocol for the Serial Command Interface SCI (Chapter 6.5) consists of an instruction
byte, address byte and one 16-bit data word. Each read or write operation can read or write a single
register. Data bits are read at the rising edge, so the user should update data at the falling edge. Bytes are
always sent MSb first. XCS should be low for the full duration of the operation, but you can have pauses
between bits if needed.
The operation is specified by an 8-bit instruction opcode. The supported instructions are read and write.
See table below.
Instruction
Name
Opcode
Operation
READ
0b0000 0011
Read data
WRITE
0b0000 0010
Write data
Note: VS1103b sets DREQ low after each SCI operation. The duration depends on the operation. It is
not allowed to finish a new SCI/SDI operation before DREQ is high again.
Version 1.01, 2007-09-03
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com