Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS1103B Datasheet(PDF) 42 Page - List of Unclassifed Manufacturers

Part # VS1103B
Description  MIDI/ADPCM AUDIO CODEC
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VS1103B Datasheet(HTML) 42 Page - List of Unclassifed Manufacturers

Back Button VS1103B Datasheet HTML 38Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 39Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 40Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 41Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 42Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 43Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 44Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 45Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 46Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 61 page
background image
VLSI
Solution
y
VS1103b
VS1103B
7. OPERATION
7.5 SPI Boot
If GPIO0 is set with a pull-up resistor to 1 at boot time, VS1103b tries to boot from external SPI memory.
SPI boot redefines the following pins:
Normal Mode
SPI Boot Mode
GPIO0
xCS
GPIO1
CLK
DREQ
MOSI
GPIO2
MISO
The memory has to be an SPI Bus Serial EEPROM with 16-bit addresses (i.e. at least 1 KiB). The serial
speed used by VS1103b is 245 kHz with the nominal 12.288 MHz clock. The first three bytes in the
memory have to be 0x50, 0x26, 0x48. The exact record format is explained in the Application Notes for
VS10XX.
7.6 Play/Decode
This is the normal operation mode of VS1103b. MIDI and ADPCM are decoded, mixed and converted
to analog domain by the internal DAC.
When there is no input for decoding, VS1103b goes into idle mode (lower power consumption than
during decoding) and actively monitors the serial data input for valid data.
All different formats can be played back-to-back without software resets in-between. Send at least 4
zeros after each stream.
7.7 Feeding PCM data
VS1103b can be used as a PCM decoder by sending to it a WAV file header. If the length sent in the WAV
file is 0xFFFFFFFF, VS1103b will stay in PCM mode for a long time (or until SARC OUTOFADPCM
has been set). 8-bit linear and 16-bit linear audio is supported in mono or stereo.
7.8 SDI Tests
There are several test modes in VS1103b, which allow the user to perform memory tests, SCI bus tests,
and several different sine wave tests.
All tests are started in a similar way: VS1103b is hardware reset, SM TESTS is set, and then a test
command is sent to the SDI bus. Each test is started by sending a 4-byte special command sequence,
followed by 4 zeros. The sequences are described below.
Version 1.01, 2007-09-03
42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com