Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS1103B Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # VS1103B
Description  MIDI/ADPCM AUDIO CODEC
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VS1103B Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button VS1103B Datasheet HTML 16Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 17Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 18Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 19Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 20Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 21Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 22Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 23Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 61 page
background image
VLSI
Solution
y
VS1103b
VS1103B
5. SPI BUSES
5.6 SPI Timing Diagram
XCS
SCK
SI
SO
0
1
15
14
16
tXCSS
tXCSH
tWL
tWH
tH
tSU
tV
tZ
tDIS
tXCS
30
31
Figure 8: SPI Timing Diagram.
Symbol
Min
Max
Unit
tXCSS
5
ns
tSU
-26
ns
tH
2
CLKI cycles
tZ
0
ns
tWL
2
CLKI cycles
tWH
2
CLKI cycles
tV
2 (+ 25ns1)
CLKI cycles
tXCSH
-26
ns
tXCS
2
CLKI cycles
tDIS
10
ns
1 25ns is when pin loaded with 100pF capacitance. The time is shorter with lower capacitance.
Note: As tWL and tWH, as well as tH require at least 2 clock cycles, the maximum speed for the SPI
bus that can easily be used is 1/6 of VS1103b’s internal clock speed CLKI. Slightly higher speed can be
achieved with very careful timing tuning. For details, see Application Notes for VS10XX.
Note: Although the timing is derived from the internal clock CLKI, the system always starts up in 1.0×
mode, thus CLKI=XTALI.
Note: Negative numbers mean that the signal can change in different order from what is shown in the
diagram.
Version 1.01, 2007-09-03
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com