Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS1103B Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # VS1103B
Description  MIDI/ADPCM AUDIO CODEC
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VS1103B Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button VS1103B Datasheet HTML 15Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 16Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 17Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 18Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 19Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 20Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 21Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 22Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 23Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 61 page
background image
VLSI
Solution
y
VS1103b
VS1103B
5. SPI BUSES
After the word has been shifted in and the last clock has been sent, XCS should be pulled high to end the
WRITE sequence.
After the last bit has been sent, DREQ is driven low for the duration of the register update, marked
“execution” in the figure. The time varies depending on the register and its contents (see table in Chap-
ter 6.6 for details). If the maximum time is longer than what it takes from the microcontroller to feed
the next SCI command or SDI byte, status of DREQ must be checked before finishing the next SCI/SDI
operation.
5.5.4 SCI Multiple Write
0
1
2
3
4
5
6
7
8
9
10 11 12 13 14 15 16 17
0
0
0
0
0
0
1
0
0
0
0
3
2
1
0
address
XCS
SCK
SI
15 14
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
SO
0
0
0
instruction (write)
DREQ
1
0
X
0
0 X
execution
1
0
15 14
data out 1
data out 2
0
0
0
0
execution
X
31
30
32 33
29
d.out n
m−2m−1
Figure 7: SCI Multiple Word Write
VS1103b allows for the user to send multiple words to the same SCI register, which allows fast SCI
uploads, shown in Figure 7. The main difference with a single write is that instead of bringing XCS up
after sending the last bit of a data word, the next data word is sent immediately. After the last data word,
XCS is driven high as with a single word write.
After the last bit of a word has been sent, DREQ is driven low for the duration of the register update,
marked “execution” in the figure. The time varies depending on the register and its contents (see table
in Chapter 6.6 for details). If the maximum time is longer than what it takes from the microcontroller
to feed the next SCI command or SDI byte, status of DREQ must be checked before finishing the next
SCI/SDI operation.
Version 1.01, 2007-09-03
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com