Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS1103B Datasheet(PDF) 37 Page - List of Unclassifed Manufacturers

Part # VS1103B
Description  MIDI/ADPCM AUDIO CODEC
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VS1103B Datasheet(HTML) 37 Page - List of Unclassifed Manufacturers

Back Button VS1103B Datasheet HTML 33Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 34Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 35Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 36Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 37Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 38Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 39Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 40Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 41Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 61 page
background image
VLSI
Solution
y
VS1103b
VS1103B
7. OPERATION
7 Operation
7.1 Clocking
VS1103b operates on a single, nominally 12.288 MHz fundamental frequency master clock. This clock
can be generated by external circuitry (connected to pin XTALI) or by the internal clock crystal interface
(pins XTALI and XTALO).
7.2 Hardware Reset
When the XRESET -signal is driven low, VS1103b is reset and all the control registers and internal
states are set to the initial values. XRESET-signal is asynchronous to any external clock. The reset mode
doubles as a full-powerdown mode, where both digital and analog parts of VS1103b are in minimum
power consumption stage, and where clocks are stopped. Also XTALO is grounded.
After a hardware reset (or at power-up) DREQ will stay down for at least 16600 clock cycles, which
means an approximate 1.35 ms delay if VS1103b is run at 12.288 MHz. After this the user should set
SCI CLOCKF, perform a software reset, and then set other basic software registers as e.g. SCI MODE,
SCI BASS, and SCI VOL before starting decoding. See section 6.6 for details.
The internal clock can be multiplied with a PLL. Supported multipliers through the SCI CLOCKF regis-
ter are 1.0 × . . . 4.5× the input clock. Reset value for Internal Clock Multiplier is 1.0×. If typical values
are wanted, the Internal Clock Multiplier needs to be set to 4.0× after reset. Wait until DREQ rises, then
write a proper value to SCI CLOCKF, followed by a software reset. See section 6.6.4 for details.
After XRESET is released, a software reset operation is also performed.
7.3 Software Reset
In some cases the decoder software has to be reset. This is done by activating bit 2 in SCI MODE register
(Chapter 6.6.1). Then wait for at least 2 µs, then look at DREQ. DREQ will stay down for at least 16600
clock cycles, which means an approximate 1.35 ms delay if VS1103b is run at 12.288 MHz. After DREQ
is up, you may continue playback as usual.
If GPIO0 is set to 1, Spi Boot is performed (Chapter 7.5). If GPIO0 is set to 0 and GPIO1 to 1, RT-MIDI
Mode is activated (Chapter 6.3.2).
As opposed to some earlier VS10XX products, VS1103b has been designed so that using software resets
during normal operation shouldn’t be necessary.
Version 1.01, 2007-09-03
37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com