Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS1103B Datasheet(PDF) 40 Page - List of Unclassifed Manufacturers

Part # VS1103B
Description  MIDI/ADPCM AUDIO CODEC
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VS1103B Datasheet(HTML) 40 Page - List of Unclassifed Manufacturers

Back Button VS1103B Datasheet HTML 36Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 37Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 38Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 39Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 40Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 41Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 42Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 43Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 44Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 61 page
background image
VLSI
Solution
y
VS1103b
VS1103B
7. OPERATION
7.4.4 Playing ADPCM Data
In order to play back your IMA ADPCM recordings, you have to have a file with a header as described
in Chapter 7.4.3. If this is the case, all you need to do is to provide the ADPCM file to VS1103 as an
ADPCM stream.
7.4.5 Sample Rate Considerations
VS10xx chips that support IMA ADPCM playback are capable of playing back ADPCM files with
any sample rate. However, some other programs may expect IMA ADPCM files to have some exact
sample rates, like 8000 or 11025 Hz. Also, some programs or systems do not support sample rates below
8000 Hz.
If SM RECORD PATH is set, recording is performed from the mixer output at exactly 44.1 kHz from
the mixer output. If SM RECORD PATH is not set, recording is performed at 8kHz × XT ALI
12.288M Hz from
the microphone or line input. From the formula it can be seen that the nominal 8 kHz sample rate can
only be obtained if XTALI = 12.288 MHz. Example: If you have a 12 MHz clock, you will get a sample
rate of 7812.5 Hz, which should be recorded to the file.
7.4.6 Example Code
The following code initializes IMA ADPCM encoding on VS1103 and shows how to read the data.
const unsigned char header[] = {
0x52, 0x49, 0x46, 0x46, 0x1c, 0x10, 0x00, 0x00,
0x57, 0x41, 0x56, 0x45, 0x66, 0x6d, 0x74, 0x20, /*|RIFF....WAVEfmt |*/
0x14, 0x00, 0x00, 0x00, 0x11, 0x00, 0x01, 0x00,
0x40, 0x1f, 0x00, 0x00, 0x75, 0x12, 0x00, 0x00, /*|........@......|*/
0x00, 0x01, 0x04, 0x00, 0x02, 0x00, 0xf9, 0x01,
0x66, 0x61, 0x63, 0x74, 0x04, 0x00, 0x00, 0x00, /*|.......fact....|*/
0x5c, 0x1f, 0x00, 0x00, 0x64, 0x61, 0x74, 0x61,
0xe8, 0x0f, 0x00, 0x00
};
unsigned char db[512]; /* data buffer for saving to disk */
Version 1.01, 2007-09-03
40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com