Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS1103B Datasheet(PDF) 49 Page - List of Unclassifed Manufacturers

Part # VS1103B
Description  MIDI/ADPCM AUDIO CODEC
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VS1103B Datasheet(HTML) 49 Page - List of Unclassifed Manufacturers

Back Button VS1103B Datasheet HTML 45Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 46Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 47Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 48Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 49Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 50Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 51Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 52Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 53Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 61 page
background image
VLSI
Solution
y
VS1103b
VS1103B
8. VS1103B REGISTERS
8.9 A/D Modulator Registers
Interrupt registers, prefix AD
Reg
Type
Reset
Abbrev[bits]
Description
0xC01E
rw
0
DIV
A/D Modulator divider.
0xC01F
rw
0
DATA
A/D Modulator data.
AD DIV bits
Name
Bits
Description
ADM POWERDOWN
15
1 in powerdown.
ADM DIVIDER
14:0
Divider.
ADM DIVIDER controls the AD converter’s sampling frequency. To gather one sample, 128 × n clock
cycles are used (n is value of AD DIV). The lowest usable value is 4, which gives a 48 kHz sample rate
when CLKI is 24.576 MHz. When ADM POWERDOWN is 1, the A/D converter is turned off.
AD DATA contains the latest decoded A/D value.
Version 1.01, 2007-09-03
49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com