Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS1103B Datasheet(PDF) 55 Page - List of Unclassifed Manufacturers

Part # VS1103B
Description  MIDI/ADPCM AUDIO CODEC
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VS1103B Datasheet(HTML) 55 Page - List of Unclassifed Manufacturers

Back Button VS1103B Datasheet HTML 51Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 52Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 53Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 54Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 55Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 56Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 57Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 58Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 59Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 61 page
background image
VLSI
Solution
y
VS1103b
VS1103B
8. VS1103B REGISTERS
8.12.3 Configuration TIMER ENABLE
TIMER ENABLE Bits
Name
Bits
Description
TIMER EN T1
1
Enable timer 1
TIMER EN T0
0
Enable timer 0
8.12.4 Timer X Startvalue TIMER Tx[L/H]
The 32-bit start value TIMER Tx[L/H] sets the initial counter value when the timer is reset. The timer
interrupt frequency ft =
fi
c+1 where fi is the master clock obtained with the clock divider (see Chap-
ter 8.12.2 and c is TIMER Tx[L/H].
Example: With a 12 MHz master clock and with TIMER CF CLKDIV=3, the master clock fi = 3MHz.
If TIMER TH=0, TIMER TL=99, then the timer interrupt frequency ft = 3MHz
99+1 = 30kH z.
8.12.5 Timer X Counter TIMER TxCNT[L/H]
TIMER TxCNT[L/H] contains the current counter values. By reading this register pair, the user may get
knowledge of how long it will take before the next timer interrupt. Also, by writing to this register, a
one-shot different length timer interrupt delay may be realized.
8.12.6 Interrupts
Each timer has its own interrupt, which is asserted when the timer counter underflows.
Version 1.01, 2007-09-03
55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com