Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS1103B Datasheet(PDF) 35 Page - List of Unclassifed Manufacturers

Part # VS1103B
Description  MIDI/ADPCM AUDIO CODEC
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VS1103B Datasheet(HTML) 35 Page - List of Unclassifed Manufacturers

Back Button VS1103B Datasheet HTML 31Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 32Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 33Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 34Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 35Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 36Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 37Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 38Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 39Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 61 page
background image
VLSI
Solution
y
VS1103b
VS1103B
6. FUNCTIONAL DESCRIPTION
6.6.12 SCI MIXERVOL (RW)
Control mixer volume. The contents of this register is as follows:
SCI MIXERVOL bits
Name
Bits
Description
SMV ACTIVE
15
Control active
SMV GAIN3
14:10
Gain 3
SMV GAIN2
9:5
Gain 2
SMV GAIN1
4:0
Gain 1
Gain values are defined in 1 dB steps so that 25 corresponds to 0 dB (signal is passed on as is) and 31 is
+6 dB (signal is doubled). 0 means the channel is disabled.
If SMV ACTIVE is 0, then Gain 1 is set to 25 (0 dB), and both Gain 2 and Gain 3 are set to 0 (mute).
See Figure 12 on page 26 for more details on where gains are applied.
Note: The polarity of the gains are opposite to registr SCI VOL: higher means a higher gain, not higher
attenuation.
6.6.13 SCI ADPCMRECCTL (RW)
SCI ADPCMRECCTL bits
Name
Bits
Description
SARC DREQ512
8
If set, DREQ needs 512 byte space to turn on.
SARC OUTOFADPCM
7
If set, current ADPCM playback is canceled.
SARC MANUALGAIN
6
If set, automatic gain control (AGC) is not in used.
SARC GAIN4
5:0
If SARC MANUALGAIN is 1, this is Gain 4;
otherwise it is maximum gain of AGC
SARC DREQ512 affects how the DREQ pin works. If not set, when DREQ is active there is at least 32
bytes space to write to. If set, DREQ is set only when there is at least 512 bytes of free space in the SDI
input buffer.
SARC OUTOFADPCM does same to ADPCM playback as SCI MODE register bit SM OUTOFMIDI
does to MIDI playback. Thus, if you want to stop decoding an ADPCM file, set SARC OUTOFADPCM,
and send data until SARC OUTOFADPCM is cleared.
SARC MANUALGAIN controls whether Gain 4 is manual or automatic.
If SARC MANUALGAIN is set to 1, SARC GAIN4 sets Gain 4. Otherwise SARC GAIN4 sets the
maximum gain allowed for the automatic gain control. The value is set at 1 dB steps and value 25 means
0 dB gain (signal is passed on without change). 31 is equal to to +6 dB gain, etc. 0 disables the signal
path completely.
Version 1.01, 2007-09-03
35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com