Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS1103B Datasheet(PDF) 44 Page - List of Unclassifed Manufacturers

Part # VS1103B
Description  MIDI/ADPCM AUDIO CODEC
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VS1103B Datasheet(HTML) 44 Page - List of Unclassifed Manufacturers

Back Button VS1103B Datasheet HTML 40Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 41Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 42Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 43Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 44Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 45Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 46Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 47Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 48Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 61 page
background image
VLSI
Solution
y
VS1103b
VS1103B
7. OPERATION
7.8.3 Memory Test
Memory test mode is initialized with the 8-byte sequence 0x4D 0xEA 0x6D 0x54 0 0 0 0. After this
sequence, wait for 500000 clock cycles. The result can be read from the SCI register SCI IN0, and ’one’
bits are interpreted as follows:
Bit(s)
Mask
Meaning
15
0x8000
Test finished
14:7
Unused
6
0x0040
Mux test succeeded
5
0x0020
Good I RAM
4
0x0010
Good Y RAM
3
0x0008
Good X RAM
2
0x0004
Good I ROM
1
0x0002
Good Y ROM
0
0x0001
Good X ROM
0x807f
All ok
Memory tests overwrite the current contents of the RAM memories.
7.8.4 SCI Test
Sci test is initialized with the 8-byte sequence 0x53 0x70 0xEE n 0 0 0 0, where n − 48 is the register
number to test. The content of the given register is read and copied to SCI IN0. If the register to be
tested is SCI IN0, the result is copied to SCI IN1.
Example: if n is 48, contents of SCI register 0 (SCI MODE) is copied to SCI IN0.
Version 1.01, 2007-09-03
44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com