Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS1103B Datasheet(PDF) 24 Page - List of Unclassifed Manufacturers

Part # VS1103B
Description  MIDI/ADPCM AUDIO CODEC
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VS1103B Datasheet(HTML) 24 Page - List of Unclassifed Manufacturers

Back Button VS1103B Datasheet HTML 20Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 21Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 22Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 23Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 24Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 25Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 26Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 27Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 28Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 61 page
background image
VLSI
Solution
y
VS1103b
VS1103B
6. FUNCTIONAL DESCRIPTION
6.2.2 Supported MIDI Formats
General MIDI and SP-MIDI format 0 files are played. Format 1 and 2 files must be converted to format
0 by the user. The maximum simultaneous polyphony is 40 (peak polyphony 64). Actual polyphony
depends on the internal clock rate (which is user-selectable), the instruments used, and the possible
postprocessing effects enabled, such as bass and treble enhancers. The polyphony restriction algorithm
makes use of the SP-MIDI MIP table, if present. MIDI implements click-avoiding smooth note removal.
When run in Real Time RT-Midi mode without other signal paths, 36.86 MHz (3.0× input clock)
achieves 16-26 simultaneous sustained notes. The instantaneous amount of notes can be larger. 36 MHz
is a fair compromise between power consumption and quality, but higher clocks can be used to increase
polyphony. They are also needed if multiple signal paths are used.
Reverb effect can be controlled by the user. In addition to reverb automatic and reverb off modes, 14
different decay times can be selected. These roughly correspond to different room sizes. Also, each
midi song decides how much effect each instrument gets. Because the reverb effect uses about 4 MHz of
processing power the automatic control enables reverb only when the internal clock is at least 3.0×.
When EarSpeaker spatial processing is active, MIDI reverb is not used.
VS1103b supports unique instruments in the whole GM1 instrument set and one bank of GM2 percus-
sions.
Version 1.01, 2007-09-03
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com