Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS1103B Datasheet(PDF) 51 Page - List of Unclassifed Manufacturers

Part # VS1103B
Description  MIDI/ADPCM AUDIO CODEC
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VS1103B Datasheet(HTML) 51 Page - List of Unclassifed Manufacturers

Back Button VS1103B Datasheet HTML 47Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 48Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 49Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 50Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 51Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 52Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 53Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 54Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 55Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 61 page
background image
VLSI
Solution
y
VS1103b
VS1103B
8. VS1103B REGISTERS
8.11 UART v1.0 2002-04-23
RS232 UART implements a serial interface using rs232 standard.
Start
bit
D0
D1
D2
D3
D4
D5
D6
D7
Stop
bit
Figure 15: RS232 Serial Interface Protocol
When the line is idling, it stays in logic high state. When a byte is transmitted, the transmission begins
with a start bit (logic zero) and continues with data bits (LSB first) and ends up with a stop bit (logic
high). 10 bits are sent for each 8-bit byte frame.
8.11.1 Registers
UART registers, prefix UARTx
Reg
Type
Reset
Abbrev
Description
0xC028
r
0
STATUS[3:0]
Status
0xC029
r/w
0
DATA[7:0]
Data
0xC02A
r/w
0
DATAH[15:8]
Data High
0xC02B
r/w
0
DIV
Divider
8.11.2 Status UARTx STATUS
A read from the status register returns the transmitter and receiver states.
UARTx STATUS Bits
Name
Bits
Description
UART ST RXORUN
3
Receiver overrun
UART ST RXFULL
2
Receiver data register full
UART ST TXFULL
1
Transmitter data register full
UART ST TXRUNNING
0
Transmitter running
UART ST RXORUN is set if a received byte overwrites unread data when it is transferred from the
receiver shift register to the data register, otherwise it is cleared.
UART ST RXFULL is set if there is unread data in the data register.
UART ST TXFULL is set if a write to the data register is not allowed (data register full).
UART ST TXRUNNING is set if the transmitter shift register is in operation.
Version 1.01, 2007-09-03
51



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com