Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS1103B Datasheet(PDF) 28 Page - List of Unclassifed Manufacturers

Part # VS1103B
Description  MIDI/ADPCM AUDIO CODEC
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VS1103B Datasheet(HTML) 28 Page - List of Unclassifed Manufacturers

Back Button VS1103B Datasheet HTML 24Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 25Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 26Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 27Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 28Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 29Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 30Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 31Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 32Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 61 page
background image
VLSI
Solution
y
VS1103b
VS1103B
6. FUNCTIONAL DESCRIPTION
6.4 Serial Data Interface (SDI)
The serial data interface is meant for transferring ADPCM or MIDI data.
If the input of the decoder is invalid or it is not received fast enough, analog outputs are automatically
muted.
Also several different tests may be activated through SDI as described in Chapter 7.
6.5 Serial Control Interface (SCI)
The serial control interface is compatible with the SPI bus specification. Data transfers are always 16
bits. VS1103b is controlled by writing and reading the registers of the interface.
The main controls of the control interface are:
• control of the operation mode, clock, and builtin effects
• access to status information and header data
• access to encoded digital data
• uploading user programs
6.6 SCI Registers
SCI registers, prefix SCI
Reg
Type
Reset
Time1
Abbrev[bits]
Description
0x0
rw
0x800
200 CLKI4
MODE
Mode control
0x1
rw
0x3C3
40 CLKI
STATUS
Status of VS1103b
0x2
rw
0
2100 CLKI
BASS
Built-in bass/treble enhancer
0x3
rw
0
11000 XTALI5
CLOCKF
Clock freq + multiplier
0x4
rw
0
40 CLKI
DECODE TIME
Stream 0 decode time
0x5
rw
0
3200 CLKI
AUDATA
Misc. audio data
0x6
rw
0
80 CLKI
WRAM
RAM write/read
0x7
rw
0
80 CLKI
WRAMADDR
Base address for RAM write/read
0x8
rw
0
90 CLKI
IN0
Input 0
0x9
rw
0
90 CLKI
IN1
Input 1
0xA
rw
0
3200 CLKI2
AIADDR
Start address of application
0xB
rw
0
2100 CLKI
VOL
Volume control
0xC
rw
0
70 CLKI2
MIXERVOL
Mixer volume
0xD
rw
0
50 CLKI2
ADPCMRECCTL IMA ADPCM record control
0xE
rw
0
50 CLKI2
AICTRL2
Application control register 2
0xF
rw
0
50 CLKI2
AICTRL3
Application control register 3
1 This is the worst-case time that DREQ stays low after writing to / reading from this register. The user
may choose to skip the DREQ check for those register writes that take less than 100 clock cycles to
execute.
Version 1.01, 2007-09-03
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com