Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8994ECS/R Datasheet(PDF) 48 Page - Cirrus Logic

Part # WM8994ECS/R
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8994ECS/R Datasheet(HTML) 48 Page - Cirrus Logic

Back Button WM8994ECS/R Datasheet HTML 44Page - Cirrus Logic WM8994ECS/R Datasheet HTML 45Page - Cirrus Logic WM8994ECS/R Datasheet HTML 46Page - Cirrus Logic WM8994ECS/R Datasheet HTML 47Page - Cirrus Logic WM8994ECS/R Datasheet HTML 48Page - Cirrus Logic WM8994ECS/R Datasheet HTML 49Page - Cirrus Logic WM8994ECS/R Datasheet HTML 50Page - Cirrus Logic WM8994ECS/R Datasheet HTML 51Page - Cirrus Logic WM8994ECS/R Datasheet HTML 52Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 363 page
background image
WM8994
48
Rev 4.6
INPUT PGA ENABLE
The Input PGAs are enabled using register bits IN1L_ENA, IN2L_ENA, IN1R_ENA and IN2R_ENA,
as described in Table 2. The Input PGAs must be enabled for microphone input on the respective
input pins, or for line input on the inverting input pins IN1LN, IN1RN, IN2LN, IN2RN.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R2 (0002h)
Power
Management
(2)
7
IN2L_ENA
0
IN2L Input PGA Enable
0 = Disabled
1 = Enabled
6
IN1L_ENA
0
IN1L Input PGA Enable
0 = Disabled
1 = Enabled
5
IN2R_ENA
0
IN2R Input PGA Enable
0 = Disabled
1 = Enabled
4
IN1R_ENA
0
IN1R Input PGA Enable
0 = Disabled
1 = Enabled
Table 2 Input PGA Enable
For normal operation of the input PGAs, the reference voltage VMID and the bias current must also be
enabled. See “Reference Voltages and Master Bias” for details of the associated controls VMID_SEL
and BIAS_ENA.
INPUT PGA CONFIGURATION
Each of the Input PGAs can operate in a single-ended or differential mode. In differential mode, both
inputs to the PGA are connected to the input source. In single-ended mode, the non-inverting input to
the PGA must be connected to VMID. Configuration of the PGA inputs to the WM8994 input pins is
controlled using the register bits shown in Table 3.
Single-ended microphone operation is configured by connecting the input source to the inverting input
of the applicable PGA. The non-inverting input of the PGA must be connected to the buffered VMID
reference. Note that the buffered VMID reference must be enabled, using the VMID_BUF_ENA
register, as described in “Reference Voltages and Master Bias”.
Differential microphone operation is configured by connecting the input source to both inputs of the
applicable PGA.
Line inputs to the input pins IN1LN, IN2LN, IN1RN and IN2RN must be connected to the applicable
PGA. The non-inverting input of the PGA must be connected to VMID.
Line inputs to the input pins IN1LP, IN2LP, IN1RP or IN2RP do not connect to the input PGAs. The
non-inverting inputs of the associated PGAs must be connected to VMID. The inverting inputs of the
associated PGAs may be used as separate mic/line inputs if required.
The maximum available attenuation on any of these input paths is achieved by using register bits
shown in Table 3 to disconnect the input pins from the applicable PGA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com