Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8994ECS/R Datasheet(PDF) 26 Page - Cirrus Logic

Part # WM8994ECS/R
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8994ECS/R Datasheet(HTML) 26 Page - Cirrus Logic

Back Button WM8994ECS/R Datasheet HTML 22Page - Cirrus Logic WM8994ECS/R Datasheet HTML 23Page - Cirrus Logic WM8994ECS/R Datasheet HTML 24Page - Cirrus Logic WM8994ECS/R Datasheet HTML 25Page - Cirrus Logic WM8994ECS/R Datasheet HTML 26Page - Cirrus Logic WM8994ECS/R Datasheet HTML 27Page - Cirrus Logic WM8994ECS/R Datasheet HTML 28Page - Cirrus Logic WM8994ECS/R Datasheet HTML 29Page - Cirrus Logic WM8994ECS/R Datasheet HTML 30Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 363 page
background image
WM8994
26
Rev 4.6
Test Conditions
AVDD1=3.0V (powered from LDO1), DCVDD=1.0V (powered from LDO2), AVDD2=DBVDD=LDO2VDD=CPVDD=1.8V,
LDO1VDD=SPKVDD1=SPKVDD2=5V, DGND=AGND=CPGND=SPKGND1=SPKGND2=HP2GND=0V,
TA = +25
oC, 1kHz sinusoidal signal, fs = 48kHz, PGA gain = 0dB, 24-bit audio data unless otherwise stated.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
G6
Earpiece Speaker Voice Call:
Tx Voice and RXVOICE
Separation
1kHz Full scale differential input
on VRXP-VRXN, output to
HPOUT2P-HPOUT2N; Quiescent
input on IN1LN/P or IN1RN/P
(Gain=+12dB), differential line
output; Measure crosstalk at
differential line output
-
+
+12dB
IN1L or IN1R
(Single-ended or
differential mode)
0dB
0dB
0dB
32Ω
LOAD
Full scale input
Quiescent input
IN1LN or
IN1RN
IN1LP or
IN1RP
LINEOUT1N or
LINEOUT2N
LINEOUT1P or
LINEOUT2P
HPOUT2L
HPOUT2R
VRXN
VRXP
Direct Voice
Path
LINEOUT1NMIX or
LINEOUT2NMIX
LINEOUT1PMIX or
LINEOUT2PMIX
100
dB
G7
Headset Voice Call:
Tx Voice and RXVOICE
Separation
1kHz full scale differential input on
VRXP-VRXN via RXVOICE to
MIXOUTL and MIXOUTR, output
to HPOUT1L and HPOUT1R;
Quiescent input on IN1LN/P or
IN1RN/P (Gain=+12dB),
differential line output; Measure
crosstalk at differential line output
-
+
+12dB
IN1L or IN1R
(Single-ended or
differential mode)
0dB
0dB
+
0dB
+
0dB
MIXOUTL
MIXOUTR
Full scale
input
Quiescent input
RXVOICE
(MIXINL or
MIXINR)
-
+
IN1LN or
IN1RN
IN1LP or
IN1RP
VRXN
VRXP
HPOUT1L
HPOUT1R
LINEOUT1P or
LINEOUT2P
LINEOUT1N or
LINEOUT2N
LINEOUT1NMIX or
LINEOUT2NMIX
HPOUT1LVOL
HPOUT1RVOL
LINEOUT1PMIX or
LINEOUT2PMIX
90
dB
G8
Stereo Line Record and Playback:
DAC/Headset to ADC Separation
-5dBFS input to DACs, playback to
HPOUT1L and HPOUT1R; ADC
record from line input; Measure
crosstalk on ADC output
DACR
HPOUT1LVOL
0dB
DACL
HPOUT1RVOL
0dB
+
MIXINL or
MIXINR
ADCL or
ADCR
CROSSTALK
Quiescent
input
HPOUT1L
HPOUT1R
IN1LP or
IN1RP
95
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com