Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8994ECS/R Datasheet(PDF) 96 Page - Cirrus Logic

Part # WM8994ECS/R
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8994ECS/R Datasheet(HTML) 96 Page - Cirrus Logic

Back Button WM8994ECS/R Datasheet HTML 92Page - Cirrus Logic WM8994ECS/R Datasheet HTML 93Page - Cirrus Logic WM8994ECS/R Datasheet HTML 94Page - Cirrus Logic WM8994ECS/R Datasheet HTML 95Page - Cirrus Logic WM8994ECS/R Datasheet HTML 96Page - Cirrus Logic WM8994ECS/R Datasheet HTML 97Page - Cirrus Logic WM8994ECS/R Datasheet HTML 98Page - Cirrus Logic WM8994ECS/R Datasheet HTML 99Page - Cirrus Logic WM8994ECS/R Datasheet HTML 100Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 363 page
background image
WM8994
96
Rev 4.6
Sample
Frequency
(kHz)
Cut-Off Frequency (Hz) for given value of AIF
nADCn_HPF_CUT
00
01
10
11
8.000
0.7
64
130
267
11.025
0.9
88
178
367
16.000
1.3
127
258
532
22.050
1.9
175
354
733
24.000
2.0
190
386
798
32.000
2.7
253
514
1063
44.100
3.7
348
707
1464
48.000
4.0
379
770
1594
88.200
7.4
696
1414
2928
96.000
8.0
758
1540
3188
Table 37 AIF1 Output Path High Pass Filter Cut-Off Frequencies
AIF1 - INPUT PATH VOLUME CONTROL
The AIF1 interface supports up to four input channels. A digital volume control is provided on each of
these input signal paths, allowing attenuation in the range -71.625dB to 0dB in 0.375dB steps. The
level of attenuation for an eight-bit code X is given by:
0.375
 (X-192) dB for 1  X  192;
MUTE for X = 0
0dB for 192
 X  255
The AIF1DAC1_VU and AIF1DAC2_VU bits control the loading of digital volume control data. When
the volume update bit is set to 0, the associated volume control data will be loaded into the respective
control register, but will not actually change the digital gain setting.
The AIF1DAC1L and AIF1DAC1R gain settings are updated when a 1 is written to AIF1DAC1_VU.
The AIF1DAC2L and AIF1DAC2R gain settings are updated when a 1 is written to AIF1DAC2_VU.
This makes it possible to update the gain of left and right channels simultaneously.
Note that a digital gain function is also available at the audio interface input, to boost the DAC volume
when a small signal is received on DACDAT1. See “Digital Audio Interface Control” for further details.
Digital volume control is also possible at the DAC stage of the signal path, after the audio signal has
passed through
the DAC digital mixers. See “Digital to Analogue Converter (DAC)” for further details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com