Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8994ECS/R Datasheet(PDF) 87 Page - Cirrus Logic

Part # WM8994ECS/R
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8994ECS/R Datasheet(HTML) 87 Page - Cirrus Logic

Back Button WM8994ECS/R Datasheet HTML 83Page - Cirrus Logic WM8994ECS/R Datasheet HTML 84Page - Cirrus Logic WM8994ECS/R Datasheet HTML 85Page - Cirrus Logic WM8994ECS/R Datasheet HTML 86Page - Cirrus Logic WM8994ECS/R Datasheet HTML 87Page - Cirrus Logic WM8994ECS/R Datasheet HTML 88Page - Cirrus Logic WM8994ECS/R Datasheet HTML 89Page - Cirrus Logic WM8994ECS/R Datasheet HTML 90Page - Cirrus Logic WM8994ECS/R Datasheet HTML 91Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 363 page
background image
WM8994
Rev 4.6
87
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1152 (0480h)
AIF1 DAC1
EQ Gains (1)
15:11
AIF1DAC1_EQ
_B1_GAIN
[4:0]
01100
(0dB)
AIF1DAC1 (AIF1, Timeslot 0) EQ
Band 1 Gain
-12dB to +12dB in 1dB steps
(see Table 32 for gain range)
10:6
AIF1DAC1_EQ
_B2_GAIN
[4:0]
01100
(0dB)
AIF1DAC1 (AIF1, Timeslot 0) EQ
Band 2 Gain
-12dB to +12dB in 1dB steps
(see Table 32 for gain range)
5:1
AIF1DAC1_EQ
_B3_GAIN
[4:0]
01100
(0dB)
AIF1DAC1 (AIF1, Timeslot 0) EQ
Band 3 Gain
-12dB to +12dB in 1dB steps
(see Table 32 for gain range)
R1153 (0481h)
AIF1 DAC1
EQ Gains (2)
15:11
AIF1DAC1_EQ
_B4_GAIN
[4:0]
01100
(0dB)
AIF1DAC1 (AIF1, Timeslot 0) EQ
Band 4 Gain
-12dB to +12dB in 1dB steps
(see Table 32 for gain range)
10:6
AIF1DAC1_EQ
_B5_GAIN
[4:0]
01100
(0dB)
AIF1DAC1 (AIF1, Timeslot 0) EQ
Band 5 Gain
-12dB to +12dB in 1dB steps
(see Table 32 for gain range)
Table 29 AIF1 Timeslot 0 EQ Band Gain Control
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1184
(04A0h)
AIF1 DAC2
EQ Gains (1)
15:11
AIF1DAC2_EQ
_B1_GAIN
[4:0]
01100
(0dB)
AIF1DAC2 (AIF1, Timeslot 1) EQ
Band 1 Gain
-12dB to +12dB in 1dB steps
(see Table 32 for gain range)
10:6
AIF1DAC2_EQ
_B2_GAIN
[4:0]
01100
(0dB)
AIF1DAC2 (AIF1, Timeslot 1) EQ
Band 2 Gain
-12dB to +12dB in 1dB steps
(see Table 32 for gain range)
5:1
AIF1DAC2_EQ
_B3_GAIN
[4:0]
01100
(0dB)
AIF1DAC2 (AIF1, Timeslot 1) EQ
Band 3 Gain
-12dB to +12dB in 1dB steps
(see Table 32 for gain range)
R1185
(04A1h)
AIF1 DAC2
EQ Gains (2)
15:11
AIF1DAC2_EQ
_B4_GAIN
[4:0]
01100
(0dB)
AIF1DAC2 (AIF1, Timeslot 1) EQ
Band 4 Gain
-12dB to +12dB in 1dB steps
(see Table 32 for gain range)
10:6
AIF1DAC2_EQ
_B5_GAIN
[4:0]
01100
(0dB)
AIF1DAC2 (AIF1, Timeslot 1) EQ
Band 5 Gain
-12dB to +12dB in 1dB steps
(see Table 32 for gain range)
Table 30 AIF1 Timeslot 1 EQ Band Gain Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com