Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8994ECS/R Datasheet(PDF) 55 Page - Cirrus Logic

Part # WM8994ECS/R
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8994ECS/R Datasheet(HTML) 55 Page - Cirrus Logic

Back Button WM8994ECS/R Datasheet HTML 51Page - Cirrus Logic WM8994ECS/R Datasheet HTML 52Page - Cirrus Logic WM8994ECS/R Datasheet HTML 53Page - Cirrus Logic WM8994ECS/R Datasheet HTML 54Page - Cirrus Logic WM8994ECS/R Datasheet HTML 55Page - Cirrus Logic WM8994ECS/R Datasheet HTML 56Page - Cirrus Logic WM8994ECS/R Datasheet HTML 57Page - Cirrus Logic WM8994ECS/R Datasheet HTML 58Page - Cirrus Logic WM8994ECS/R Datasheet HTML 59Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 363 page
background image
WM8994
Rev 4.6
55
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
2:0
IN2LRP_MIXINL_VOL
[2:0]
000
(Mute)
RXVOICE Differential Input
(VRXP-VRXN) to MIXINL Gain
and Mute
000 = Mute
001 = -12dB
010 = -9dB
011 = -6dB
100 = -3dB
101 = 0dB
110 = +3dB
111 = +6dB
Table 7 Left Input Mixer (MIXINL) Volume Control
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R21 (0015h)
Input Mixer
(1)
8
IN1RP_MIXINR_BOOST
0
IN1RP Pin (PGA Bypass) to
MIXINR Gain Boost.
This bit selects the maximum gain
setting of the
IN1RP_MIXINR_VOL register.
0 = Maximum gain is +6dB
1 = Maximum gain is +15dB
R42 (002A)
Input Mixer
(4)
8
IN2R_TO_MIXINR
0
IN2R PGA Output to MIXINR Mute
0 = Mute
1 = Un-Mute
7
IN2R_MIXINR_VOL
0
IN2R PGA Output to MIXINR Gain
0 = 0dB
1 = +30dB
5
IN1R_TO_MIXINR
0
IN1R PGA Output to MIXINR Mute
0 = Mute
1 = Un-Mute
4
IN1R_MIXINR_VOL
0
IN1R PGA Output to MIXINR Gain
0 = 0dB
1 = +30dB
2:0
MIXOUTR_MIXINR_VOL
[2:0]
000
(Mute)
Record Path MIXOUTR to MIXINR
Gain and Mute
000 = Mute
001 = -12dB
010 = -9dB
011 = -6dB
100 = -3dB
101 = 0dB
110 = +3dB
111 = +6dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com