Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8994ECS/R Datasheet(PDF) 1 Page - Cirrus Logic

Part # WM8994ECS/R
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8994ECS/R Datasheet(HTML) 1 Page - Cirrus Logic

  WM8994ECS/R Datasheet HTML 1Page - Cirrus Logic WM8994ECS/R Datasheet HTML 2Page - Cirrus Logic WM8994ECS/R Datasheet HTML 3Page - Cirrus Logic WM8994ECS/R Datasheet HTML 4Page - Cirrus Logic WM8994ECS/R Datasheet HTML 5Page - Cirrus Logic WM8994ECS/R Datasheet HTML 6Page - Cirrus Logic WM8994ECS/R Datasheet HTML 7Page - Cirrus Logic WM8994ECS/R Datasheet HTML 8Page - Cirrus Logic WM8994ECS/R Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 363 page
background image
Multi-channel Audio Hub CODEC for Smartphones
http://www.cirrus.com
Copyright
 Cirrus Logic, Inc., 2010–2018
(All Rights Reserved)
Rev 4.6
JUL
‘18
WM8994
DESCRIPTION
The WM8994 is a highly integrated ultra-low power hi-fi CODEC
designed for smartphones and other portable devices rich in
multimedia features.
An integrated stereo class D/AB speaker driver and class W
headphone driver minimize power consumption during audio
playback.
The device requires only two voltage supplies, with all other
internal supply rails generated from integrated LDOs.
Stereo full duplex asynchronous sample rate conversion and
multi-channel digital mixing combined with powerful analogue
mixing allow the device to support a huge range of different
architectures and use cases.
A
fully
programmable
parametric
EQ
provides
speaker
compensation and a dynamic range controller can be used in
the ADC or DAC paths for maintaining a constant signal level,
maximizing
loudness
and
protecting
speakers
against
overloading and clipping.
A smart digital microphone interface provides power regulation,
a low jitter clock output and decimation filters for up to four
digital microphones. A MIC activity detect with interrupt is
available.
Fully differential internal architecture and on-chip RF noise filters
ensure a very high degree of noise immunity. Active ground loop
noise rejection and DC offset correction help prevent pop noise
and suppress ground noise on the headphone outputs.
FEATURES
Hi-fi 24-bit 4-channel DAC and 2-channel ADC
100dB SNR during DAC playback (‘A’ weighted)
Smart MIC interface
-
Power, clocking and data input for up to four digital MICs
-
High performance analogue MIC interface
-
MIC activity detect & interrupt allows processor to sleep
2W stereo (2 x 2W) class D/AB speaker driver
Capless Class W headphone drivers
-
Integrated charge pump
-
5.3mW total power for DAC playback to headphones
4 Line outputs (single-ended or differential)
BTL Earpiece driver
Digital audio interfaces for multi-processor architecture
-
Asynchronous stereo duplex sample rate conversion
-
Powerful mixing and digital loopback functions
ReTuneTM Mobile 5-band, 6-channel parametric EQ
Programmable dynamic range controller
Dual FLL provides all necessary clocks
-
Self-clocking modes allow processor to sleep
-
All standard sample rates from 8kHz to 96kHz
Active noise reduction circuits
-
DC offset correction removes pops and clicks
-
Ground loop noise cancellation
Integrated LDO regulators
72-ball W-CSP package (4.521 x 4.033 x 0.546mm)
APPLICATIONS
Smartphones and music phones
Portable navigation
Tablets
eBooks
Portable Media Players
LINE DRIVERS
LOUDSPEAKER
DRIVERS
CONTROL
INTERFACE
MICBIAS1
HPOUT2P
HPOUT1R
IN1LP
IN1LN
IN1RN
HPOUT2N
IN2LN/DMICDAT1
IN2RN/DMICDAT2
IN1RP
LINEOUT2P
LINEOUT2N
LINEOUT1N
LINEOUT1P
HPOUT1L
SPKOUTLN
SPKOUTLP
IN2RP/VRXN
IN2LP/VRXP
RECORD
HEADPHONE
DRIVERS
Current
Detect
RECORD
CPCB
CPCA
CHARGE PUMP
ANALOGUE
MIC
INTERFACE
DMICCLK
INPUT
MIXERS
4 MIC
CHANNELS
I2S/PCM #1
ADC
FILTERS
HIGH
PASS
FILTERS
ADC
VOLUME
DAC
FILTERS
DAC
VOLUME
ADC L
ADC R
DIGITAL MIC
INTERFACE
I2S/PCM #2
DMICDAT1
DMICDAT2
GPIO
LINEOUTFB
HPOUT1FB
MICBIAS2
Current
Detect
GPIO
EARPIECE
DRIVER
SPKOUTRN
SPKOUTRP
OUTPUT
MIXERS
DAC
L1
DAC
R1
DAC
L2
DAC
R2
SPKMODE
MCLK1
MCLK2
BCLK1
LRCLK1
FLL1
MCLK1
MCLK2
BCLK2
LRCLK2
FLL2
I2S/PCM #3
LDO1
LDO2
HIGH
PASS
FILTERS
MULTI-CHANNEL DIGITAL
MIXING
ReTune Mobile
PARAMETRIC EQUALISER
DYNAMIC RANGE CONTROL
3D STEREO ENHANCE
ASYNCHRONOUS SAMPLE
RATE CONVERSION
MIC Activity Detect
4 Digital MIC
Channels


Similar Part No. - WM8994ECS/R

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8994 WOLFSON-WM8994 Datasheet
3Mb / 359P
Multi-Channel Audio Hub CODEC for Smartphones
More results

Similar Description - WM8994ECS/R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AV2188 ETC-AV2188 Datasheet
198Kb / 20P
Multi-Channel Audio CODEC
logo
Asahi Kasei Microsystem...
AKD4626A-B AKM-AKD4626A-B Datasheet
467Kb / 44P
Multi-channel Audio CODEC.
logo
Wolfson Microelectronic...
WM1811A WOLFSON-WM1811A Datasheet
3Mb / 328P
Multi-Channel Audio Hub CODEC for Smartphones
WM8958 WOLFSON-WM8958 Datasheet
4Mb / 377P
Multi-Channel Audio Hub CODEC for Smartphones
WM8993 WOLFSON-WM8993 Datasheet
2Mb / 229P
Audio Hub CODEC for Multimedia Phones
WM8994 WOLFSON-WM8994 Datasheet
3Mb / 359P
Multi-Channel Audio Hub CODEC for Smartphones
logo
Realtek Semiconductor C...
ALC5640 REALTEK-ALC5640 Datasheet
1Mb / 150P
Multi-Channel Audio Hub/CODEC
ALC5642 REALTEK-ALC5642 Datasheet
1Mb / 156P
Multi-Channel Audio Hub/CODEC
ALC5645 REALTEK-ALC5645 Datasheet
1Mb / 188P
Multi-Channel Audio Hub/CODEC
ALC5672 REALTEK-ALC5672 Datasheet
1Mb / 179P
Multi-Channel Audio Hub/CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com