Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8994ECS/R Datasheet(PDF) 53 Page - Cirrus Logic

Part # WM8994ECS/R
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8994ECS/R Datasheet(HTML) 53 Page - Cirrus Logic

Back Button WM8994ECS/R Datasheet HTML 49Page - Cirrus Logic WM8994ECS/R Datasheet HTML 50Page - Cirrus Logic WM8994ECS/R Datasheet HTML 51Page - Cirrus Logic WM8994ECS/R Datasheet HTML 52Page - Cirrus Logic WM8994ECS/R Datasheet HTML 53Page - Cirrus Logic WM8994ECS/R Datasheet HTML 54Page - Cirrus Logic WM8994ECS/R Datasheet HTML 55Page - Cirrus Logic WM8994ECS/R Datasheet HTML 56Page - Cirrus Logic WM8994ECS/R Datasheet HTML 57Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 363 page
background image
WM8994
Rev 4.6
53
INPUT MIXER ENABLE
The WM8994 has two analogue input mixers which allow the Input PGAs and Line Inputs to be
combined in a number of ways and output to the ADCs, Output Mixers, or directly to the output drivers
via bypass paths.
The input mixers MIXINL and MIXINR are enabled by the MIXINL_ENA and MIXINR_ENA register
bits, as described in Table 6. These control bits also enable the RXVOICE input path, described in the
following section.
For normal operation of the input mixers, the reference voltage VMID and the bias current must also
be enabled. See “Reference Voltages and Master Bias” for details of the associated controls
VMID_SEL and BIAS_ENA.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R2 (0002h)
Power
Management
(2)
9
MIXINL_ENA
0
Left Input Mixer Enable
(Enables MIXINL and RXVOICE input to
MIXINL)
0 = Disabled
1 = Enabled
8
MIXINR_ENA
0
Right Input Mixer Enable
(Enables MIXINR and RXVOICE input to
MIXINR)
0 = Disabled
1 = Enabled
Table 6 Input Mixer Enable
INPUT MIXER CONFIGURATION AND VOLUME CONTROL
The left and right channel input mixers MIXINL and MIXINR can be configured to take input from up to
five sources:
1.
IN1L or IN1R Input PGA
2.
IN2L or IN2R Input PGA
3.
IN1LP or IN1RP pin (PGA bypass)
4.
RXVOICE mono differential input from IN2LP/VRXN and IN2RP/VRXP
5.
MIXOUTL or MIXOUTR Output Mixer (Record path)
The Input Mixer configuration and volume controls are described in Table 7 for the Left input mixer
(MIXINL) and Table 8 for the Right input mixer (MIXINR). The signal levels from the Input PGAs may
be set to Mute, 0dB or 30dB boost. Gain controls for the PGA bypass, RXVOICE and Record paths
provide adjustment from -12dB to +6dB in 3dB steps.
When using the IN1LP or IN1RP signal paths direct to the input mixers (PGA bypass paths), a signal
gain of +15dB can be selected using the IN1RP_MIXINR_BOOST or IN1LP_MIXINL_BOOST register
bits. See Table 7 and Table 8 for further details.
When using the IN1LP or IN1RP signal paths direct to the input mixers (PGA bypass paths), the
buffered VMID reference must be enabled, using the VMID_BUF_ENA register, as described in
“Reference Voltages and Master Bias”.
To prevent pop noise, it is recommended that gain and mute controls for the input mixers are not
modified while the signal paths are active. If volume control is required on these signal paths, it is
recommended that this is implemented using the input PGA volume controls or the ADC volume
controls.
The ADC volume controls are described in the “Analogue to Digital Converter (ADC)”
section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com