Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8994ECS/R Datasheet(PDF) 67 Page - Cirrus Logic

Part # WM8994ECS/R
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8994ECS/R Datasheet(HTML) 67 Page - Cirrus Logic

Back Button WM8994ECS/R Datasheet HTML 63Page - Cirrus Logic WM8994ECS/R Datasheet HTML 64Page - Cirrus Logic WM8994ECS/R Datasheet HTML 65Page - Cirrus Logic WM8994ECS/R Datasheet HTML 66Page - Cirrus Logic WM8994ECS/R Datasheet HTML 67Page - Cirrus Logic WM8994ECS/R Datasheet HTML 68Page - Cirrus Logic WM8994ECS/R Datasheet HTML 69Page - Cirrus Logic WM8994ECS/R Datasheet HTML 70Page - Cirrus Logic WM8994ECS/R Datasheet HTML 71Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 363 page
background image
WM8994
Rev 4.6
67
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1536 (0600h)
DAC1 Mixer
Volumes
8:5
ADCR_DAC1_V
OL [3:0]
0000
Sidetone STR to DAC1L and
DAC1R Volume
0000 = -36dB
0001 = -33dB
…. (3dB steps)
1011 = -3dB
1100 = 0dB
(see Table 19 for gain range)
3:0
ADCL_DAC1_V
OL [3:0]
0000
Sidetone STL to DAC1L and
DAC1R Volume
0000 = -36dB
0001 = -33dB
…. (3dB steps)
1011 = -3dB
1100 = 0dB
(see Table 19 for gain range)
R1539 (0603h)
DAC2 Mixer
Volumes
8:5
ADCR_DAC2_V
OL [3:0]
0000
Sidetone STR to DAC2L and
DAC2R Volume
0000 = -36dB
0001 = -33dB
…. (3dB steps)
1011 = -3dB
1100 = 0dB
(see Table 19 for gain range)
3:0
ADCL_DAC2_V
OL [3:0]
0000
Sidetone STL to DAC2L and
DAC2R Volume
0000 = -36dB
0001 = -33dB
…. (3dB steps)
1011 = -3dB
1100 = 0dB
(see Table 19 for gain range)
R1569 (0621h)
Sidetone
9:7
ST_HPF_CUT
[2:0]
000
Sidetone HPF cut-off frequency
(relative to 44.1kHz sample rate)
000 = 2.7kHz
001 = 1.35kHz
010 = 675Hz
011 = 370Hz
100 = 180Hz
101 = 90Hz
110 = 45Hz
111 = Reserved
Note - the cut-off frequencies scale
with the Digital Mixing (SYSCLK)
clocking rate. The quoted figures
apply to 44.1kHz sample rate.
6
ST_HPF
0
Digital Sidetone HPF Select
0 = Disabled
1 = Enabled
Table 18 Digital Sidetone Volume Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com