Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8994ECS/R Datasheet(PDF) 100 Page - Cirrus Logic

Part # WM8994ECS/R
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8994ECS/R Datasheet(HTML) 100 Page - Cirrus Logic

Back Button WM8994ECS/R Datasheet HTML 96Page - Cirrus Logic WM8994ECS/R Datasheet HTML 97Page - Cirrus Logic WM8994ECS/R Datasheet HTML 98Page - Cirrus Logic WM8994ECS/R Datasheet HTML 99Page - Cirrus Logic WM8994ECS/R Datasheet HTML 100Page - Cirrus Logic WM8994ECS/R Datasheet HTML 101Page - Cirrus Logic WM8994ECS/R Datasheet HTML 102Page - Cirrus Logic WM8994ECS/R Datasheet HTML 103Page - Cirrus Logic WM8994ECS/R Datasheet HTML 104Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 363 page
background image
WM8994
100
Rev 4.6
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1058 (0422h)
AIF1 DAC2
Filters (1)
9
AIF1DAC2_
MUTE
1
AIF1DAC2 input path (AIF1, Timeslot 1) Soft
Mute Control
0 = Un-mute
1 = Mute
5
AIF1DAC2_
MUTERAT
E
0
AIF1DAC2 input path (AIF1, Timeslot 1) Soft
Mute Ramp Rate
0 = Fast ramp (fs/2, maximum ramp time is
10.7ms at fs=48k)
1 = Slow ramp (fs/32, maximum ramp time is
171ms at fs=48k)
(Note: ramp rate scales with sample rate.)
4
AIF1DAC2_
UNMUTE_
RAMP
0
AIF1DAC2 input path (AIF1, Timeslot 1)
Unmute Ramp select
0 = Disabling soft-mute (AIF1DAC2_MUTE=0)
will cause the volume to change immediately to
AIF1DAC2L_VOL and AIF1DAC2R_VOL
settings
1 = Disabling soft-mute (AIF1DAC2_MUTE=0)
will cause the DAC volume to ramp up
gradually to the AIF1DAC2L_VOL and
AIF1DAC2R_VOL settings
Table 40 AIF1 Input Path Soft Mute Control
AIF1 - INPUT PATH MONO MIX AND DE-EMPHASIS FILTER
A digital mono mix can be selected on one or both pairs of AIF1 input channels. The mono mix is
generated as the sum of the Left and Right AIF channel data. When the mono mix function is enabled,
the combined mono signal is applied to the Left channel and the Right channel of the respective AIF1
signal processing and digital mixing paths. To prevent clipping, 6dB attenuation is applied to the mono
mix.
Digital de-emphasis can be applied to the AIF1 input (playback) paths; this is appropriate when the
data source is a CD where pre-emphasis is used in the recording. De-emphasis filtering is available
for sample rates of 48kHz, 44.1kHz and 32kHz. See
“Digital Filter Characteristics “section for details
of de-emphasis filter characteristics.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1056 (0420h)
AIF1 DAC1
Filters (1)
7
AIF1DAC1_
MONO
0
AIF1DAC1 input path (AIF1, Timeslot 0) Mono
Mix Control
0 = Disabled
1 = Enabled
2:1
AIF1DAC1_
DEEMP [1:0]
00
AIF1DAC1 input path (AIF1, Timeslot 0) De-
Emphasis Control
00 = No de-emphasis
01 = 32kHz sample rate
10 = 44.1kHz sample rate
11 = 48kHz sample rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com