Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8994ECS/R Datasheet(PDF) 101 Page - Cirrus Logic

Part # WM8994ECS/R
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8994ECS/R Datasheet(HTML) 101 Page - Cirrus Logic

Back Button WM8994ECS/R Datasheet HTML 97Page - Cirrus Logic WM8994ECS/R Datasheet HTML 98Page - Cirrus Logic WM8994ECS/R Datasheet HTML 99Page - Cirrus Logic WM8994ECS/R Datasheet HTML 100Page - Cirrus Logic WM8994ECS/R Datasheet HTML 101Page - Cirrus Logic WM8994ECS/R Datasheet HTML 102Page - Cirrus Logic WM8994ECS/R Datasheet HTML 103Page - Cirrus Logic WM8994ECS/R Datasheet HTML 104Page - Cirrus Logic WM8994ECS/R Datasheet HTML 105Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 363 page
background image
WM8994
Rev 4.6
101
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1058 (0422h)
AIF1 DAC2
Filters (1)
7
AIF1DAC2_
MONO
0
AIF1DAC2 input path (AIF1, Timeslot 1) Mono
Mix Control
0 = Disabled
1 = Enabled
2:1
AIF1DAC2_
DEEMP [1:0]
00
AIF1DAC2 input path (AIF1, Timeslot 1) De-
Emphasis Control
00 = No de-emphasis
01 = 32kHz sample rate
10 = 44.1kHz sample rate
11 = 48kHz sample rate
Table 41 AIF1 Input Path Mono Mix and De-Emphasis Filter Control
AIF2 - OUTPUT PATH VOLUME CONTROL
The AIF2 interface supports two output channels. A digital volume control is provided on each output
signal path, allowing attenuation in the range -71.625dB to +17.625dB in 0.375dB steps. The level of
attenuation for an eight-bit code X is given by:
0.375
 (X-192) dB for 1  X  239;
MUTE for X = 0
+17.625dB for 239
 X  255
The AIF2ADC_VU bit controls the loading of digital volume control data. When AIF2ADC_VU bit is set
to 0, the AIF2ADCL_VOL and AIF2ADCR_VOL control data will be loaded into the respective control
register, but will not actually change the digital gain setting. Both left and right gain settings are
updated when a 1 is written to AIF2ADC_VU. This makes it possible to update the gain of left and
right channels simultaneously.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1280
(0500h)
AIF2 ADC
Left Volume
8
AIF2ADC_V
U
N/A
AIF2ADC output path Volume Update
Writing a 1 to this bit will cause the AIF2ADCL
and AIF2ADCR volume to be updated
simultaneously
7:0
AIF2ADCL_
VOL [7:0]
C0h
(0dB)
AIF2ADC (Left) output path Digital Volume
00h = MUTE
01h = -71.625dB
… (0.375dB steps)
EFh = +17.625dB
(See Table 35 for volume range)
R1281
(0501h)
AIF2 ADC
Right Volume
8
AIF2ADC_V
U
N/A
AIF2ADC output path Volume Update
Writing a 1 to this bit will cause the AIF2ADCL
and AIF2ADCR volume to be updated
simultaneously
7:0
AIF2ADCR_
VOL [7:0]
C0h
(0dB)
AIF2ADC (Right) output path Digital Volume
00h = MUTE
01h = -71.625dB
… (0.375dB steps)
EFh = +17.625dB
(See Table 35 for volume range)
Table 42 AIF2 Output Path Volume Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com