Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8994ECS/R Datasheet(PDF) 105 Page - Cirrus Logic

Part # WM8994ECS/R
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8994ECS/R Datasheet(HTML) 105 Page - Cirrus Logic

Back Button WM8994ECS/R Datasheet HTML 101Page - Cirrus Logic WM8994ECS/R Datasheet HTML 102Page - Cirrus Logic WM8994ECS/R Datasheet HTML 103Page - Cirrus Logic WM8994ECS/R Datasheet HTML 104Page - Cirrus Logic WM8994ECS/R Datasheet HTML 105Page - Cirrus Logic WM8994ECS/R Datasheet HTML 106Page - Cirrus Logic WM8994ECS/R Datasheet HTML 107Page - Cirrus Logic WM8994ECS/R Datasheet HTML 108Page - Cirrus Logic WM8994ECS/R Datasheet HTML 109Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 363 page
background image
WM8994
Rev 4.6
105
DIGITAL TO ANALOGUE CONVERTER (DAC)
The WM8994 DACs receive digital input data from the DAC mixers -
see “Digital Mixing”. The digital
audio data is converted to oversampled bit streams in the on-chip, true 24-bit digital interpolation
filters. The bitstream data enters four multi-bit, sigma-delta DACs, which convert them to high quality
analogue audio signals. The multi-bit DAC architecture reduces high frequency noise and sensitivity to
clock jitter. It also uses a Dynamic Element Matching technique for high linearity and low distortion.
A high performance mode of DAC operation can be selected by setting the DAC_OSR128 bit - see
“Clocking and Sample Rates” for details.
The analogue outputs from the DACs can be mixed with analogue line/mic inputs using the line output
mixers MIXOUTL / MIXOUTR and the speaker output mixers SPKMIXL / SPKMIXR.
The DACs are enabled using the register bits defined in Table 47.
Note that the DAC clock must be enabled whenever the DACs are enabled.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R5 (0005h)
Power
Management (5)
3
DAC2L_EN
A
0
Left DAC2 Enable
0 = Disabled
1 = Enabled
2
DAC2R_EN
A
0
Right DAC2 Enable
0 = Disabled
1 = Enabled
1
DAC1L_EN
A
0
Left DAC1 Enable
0 = Disabled
1 = Enabled
0
DAC1R_EN
A
0
Right DAC1 Enable
0 = Disabled
1 = Enabled
Table 47 DAC Enable Control
DAC CLOCKING CONTROL
Clocking for the DACs is derived from SYSCLK. The required clock is enabled when the
SYSDSPCLK_ENA register is set.
The DAC clock rate is configured automatically, according to the AIFn_SR, AIFnCLK_RATE and
DAC_OSR128 registers. (See “Clocking and Sample Rates” for further details of the system clocks
and control registers.)
When AIF1CLK is selected as the SYSCLK source (SYSCLK_SRC = 0), then the DAC clocking is
controlled by the AIF1_SR and AIF1CLK_RATE registers.
When AIF2CLK is selected as the SYSCLK source (SYSCLK_SRC = 1), then the DAC clocking is
controlled by the AIF2_SR and AIF2CLK_RATE registers.
The supported DAC clocking configurations are described in Table 48 (for DAC_OSR128=0) and
Table 49 (for DAC_OSR128=1). Under default conditions, the DAC_OSR128 bit is not set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com