Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8994ECS/R Datasheet(PDF) 73 Page - Cirrus Logic

Part # WM8994ECS/R
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8994ECS/R Datasheet(HTML) 73 Page - Cirrus Logic

Back Button WM8994ECS/R Datasheet HTML 69Page - Cirrus Logic WM8994ECS/R Datasheet HTML 70Page - Cirrus Logic WM8994ECS/R Datasheet HTML 71Page - Cirrus Logic WM8994ECS/R Datasheet HTML 72Page - Cirrus Logic WM8994ECS/R Datasheet HTML 73Page - Cirrus Logic WM8994ECS/R Datasheet HTML 74Page - Cirrus Logic WM8994ECS/R Datasheet HTML 75Page - Cirrus Logic WM8994ECS/R Datasheet HTML 76Page - Cirrus Logic WM8994ECS/R Datasheet HTML 77Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 363 page
background image
WM8994
Rev 4.6
73
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1344 (0540h)
AIF2 DRC (1)
2
AIF2DAC_DRC_
ENA
0
Enable DRC in AIF2DAC playback
path
0 = Disabled
1 = Enabled
1
AIF2ADCL_DRC
_ENA
0
Enable DRC in AIF2ADC (Left)
record path
0 = Disabled
1 = Enabled
0
AIF2ADCR_DRC
_ENA
0
Enable DRC in AIF2ADC (Right)
record path
0 = Disabled
1 = Enabled
Table 22 DRC Enable
The following description of the DRC is applicable to all three DRCs. The associated register control
fields are described in Table 24, Table 25 and Table 26 for the respective DRCs.
Note that, where the following description refers to register names, the generic prefix [DRC] is quoted:
For the DRC associated with AIF1 timeslot 0, [DRC] = AIF1DRC1.
For the DRC associated with AIF1 timeslot 1, [DRC] = AIF1DRC2.
For the DRC associated with AIF2, [DRC] = AIF2DRC.
DRC COMPRESSION / EXPANSION / LIMITING
The DRC supports two different compression regions, separated by a “Knee” at a specific input
amplitude. In the region above the knee, the compression slope [DRC]_HI_COMP applies; in the
region below the knee, the compression slope [DRC]_LO_COMP applies.
The DRC also supports a noise gate region, where low-level input signals are heavily attenuated. This
function can be enabled or disabled according to the application requirements. The DRC response in
this region is defined by the expansion slope [DRC]_NG_EXP.
For additional attenuation of signals in the noise gate region, an additional “knee” can be defined
(shown as “Knee2” in Figure 24). When this knee is enabled, this introduces an infinitely steep drop-
off in the DRC response pattern between the [DRC]_LO_COMP and [DRC]_NG_EXP regions.
The overall DRC compression characteristic in “steady state” (i.e. where the input amplitude is near-
constant) is illustrated in Figure 24.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com