Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8994ECS/R Datasheet(PDF) 61 Page - Cirrus Logic

Part # WM8994ECS/R
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8994ECS/R Datasheet(HTML) 61 Page - Cirrus Logic

Back Button WM8994ECS/R Datasheet HTML 57Page - Cirrus Logic WM8994ECS/R Datasheet HTML 58Page - Cirrus Logic WM8994ECS/R Datasheet HTML 59Page - Cirrus Logic WM8994ECS/R Datasheet HTML 60Page - Cirrus Logic WM8994ECS/R Datasheet HTML 61Page - Cirrus Logic WM8994ECS/R Datasheet HTML 62Page - Cirrus Logic WM8994ECS/R Datasheet HTML 63Page - Cirrus Logic WM8994ECS/R Datasheet HTML 64Page - Cirrus Logic WM8994ECS/R Datasheet HTML 65Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 363 page
background image
WM8994
Rev 4.6
61
ADC CLOCKING CONTROL
Clocking for the ADCs is derived from SYSCLK. The required clock is enabled when the
SYSDSPCLK_ENA register is set.
The ADC clock rate is configured automatically, according to the AIFn_SR, AIFnCLK_RATE and
ADC_OSR128 registers. (See “Clocking and Sample Rates” for further details of the system clocks
and control registers.)
When AIF1CLK is selected as the SYSCLK source (SYSCLK_SRC = 0), then the ADC clocking is
controlled by the AIF1_SR and AIF1CLK_RATE registers.
When AIF2CLK is selected as the SYSCLK source (SYSCLK_SRC = 1), then the ADC clocking is
controlled by the AIF2_SR and AIF2CLK_RATE registers.
The supported ADC clocking configurations are described in Table 14 (for ADC_OSR128=1) and
Table 15 (for ADC_OSR128=0). The ADC_OSR128 bit is set by default, giving best audio
performance.
SAMPLE
RATE (kHz)
SYSCLK RATE (AIFnCLK / fs ratio)
128
192
256
384
512
768
1024
1536
8
11.025
12
16
22.05
24
32
44.1
48
88.2
96
When ADC_OSR128=1, ADC operation is only supported for the configurations indicated above
Table 14 ADC Clocking - ADC_OSR128 = 1 (Default)
SAMPLE
RATE (kHz)
SYSCLK RATE (AIFnCLK / fs ratio)
128
192
256
384
512
768
1024
1536
8
11.025
12
16
22.05
24
32
44.1
48
88.2
96
When ADC_OSR128=0, ADC operation is only supported for the configurations indicated above
Table 15 ADC Clocking - ADC_OSR128 = 0
The clocking requirements in Table 14 and Table 15 are only applicable to the AIFnCLK that is
selected as the SYSCLK source. Note that both clocks (AIF1CLK and AIF2CLK) must satisfy the
requirements noted in the “Clocking and Sample Rates” section.
The applicable clocks (SYSCLK, and AIF1CLK or AIF2CLK) must be present and enabled when using
the Analogue to Digital Converters (ADCs).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com