Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8994ECS/R Datasheet(PDF) 29 Page - Cirrus Logic

Part # WM8994ECS/R
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8994ECS/R Datasheet(HTML) 29 Page - Cirrus Logic

Back Button WM8994ECS/R Datasheet HTML 25Page - Cirrus Logic WM8994ECS/R Datasheet HTML 26Page - Cirrus Logic WM8994ECS/R Datasheet HTML 27Page - Cirrus Logic WM8994ECS/R Datasheet HTML 28Page - Cirrus Logic WM8994ECS/R Datasheet HTML 29Page - Cirrus Logic WM8994ECS/R Datasheet HTML 30Page - Cirrus Logic WM8994ECS/R Datasheet HTML 31Page - Cirrus Logic WM8994ECS/R Datasheet HTML 32Page - Cirrus Logic WM8994ECS/R Datasheet HTML 33Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 363 page
background image
WM8994
Rev 4.6
29
MISCELLANEOUS CHARACTERISTICS
Test Conditions
AVDD1=3.0V (powered from LDO1), DCVDD=1.0V (powered from LDO2), AVDD2=DBVDD=LDO2VDD=CPVDD=1.8V,
LDO1VDD=SPKVDD1=SPKVDD2=5V, DGND=AGND=CPGND=SPKGND1=SPKGND2=HP2GND=0V,
TA = +25
oC, unless otherwise stated.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Analogue Reference Levels
H1
VMID Midrail Reference Voltage
VMID_SEL = 01,
4.7
F capacitor on VMIDC
-3%
AVDD1/2
+3%
V
VMID Start-Up time
VMID_SEL = 01,
VMID_RAMP = 11,
4.7
F capacitor on VMIDC
50
ms
Frequency Locked Loops (FLLs)
H29
Lock time
FREF=32kHz,
FOUT=12.288MHz
2.5
ms
FREF=12MHz,
FOUT=12.288MHz
300
s
H30
Free-running mode start-up time
VMID enabled
100
s
H31
Free-running mode frequency accuracy
Reference supplied initially
+/-10
%
No reference provided
+/-30
%
LDO Regulators
H38
LDO1 Start-Up Time
4.7
F capacitor on AVDD1,
1
F capacitor on VREFC
1.5
ms
LDO1 Drop-Out voltage
(LDO1VDD - AVDD1)
300
mV
LDO1 PSRR (LDO1VDD)
100mV (pk-pk) 217Hz
TBD
dB
H42
LDO2 Start-Up Time
1
F capacitor on DCVDD,
1
F capacitor on VREFC
1.5
ms
LDO2 PSRR (LDO2VDD)
100mV (pk-pk) 217Hz
TBD
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com