Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8994ECS/R Datasheet(PDF) 28 Page - Cirrus Logic

Part # WM8994ECS/R
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8994ECS/R Datasheet(HTML) 28 Page - Cirrus Logic

Back Button WM8994ECS/R Datasheet HTML 24Page - Cirrus Logic WM8994ECS/R Datasheet HTML 25Page - Cirrus Logic WM8994ECS/R Datasheet HTML 26Page - Cirrus Logic WM8994ECS/R Datasheet HTML 27Page - Cirrus Logic WM8994ECS/R Datasheet HTML 28Page - Cirrus Logic WM8994ECS/R Datasheet HTML 29Page - Cirrus Logic WM8994ECS/R Datasheet HTML 30Page - Cirrus Logic WM8994ECS/R Datasheet HTML 31Page - Cirrus Logic WM8994ECS/R Datasheet HTML 32Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 363 page
background image
WM8994
28
Rev 4.6
MICROPHONE BIAS CHARACTERISTICS
Test Conditions
AVDD1=3.0V (powered from LDO1), DCVDD=1.0V (powered from LDO2), AVDD2=DBVDD=LDO2VDD=CPVDD=1.8V,
LDO1VDD=SPKVDD1=SPKVDD2=5V, DGND=AGND=CPGND=SPKGND1=SPKGND2=HP2GND=0V,
TA = +25
oC, unless otherwise stated.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Microphone Bias (MICBIAS1 and MICBIAS2)
H2
Bias Voltage
2.4mA load current
MICBn_LVL=0
-5%
0.9
AVDD1
+5%
V
2.4mA load current
MICBn_LVL=1
-5%
0.65
AVDD1
+5%
V
H3
Bias Current
2.4
mA
H4
Output Noise Spectral Density
1kHz to 20kHz
100
nV/
Hz
Output discharge resistance
MICBn_ENA=0,
MICBn_DISCH=1
1
k
Ω
H6
MIC Current Detect Thresholds
MICD_THR = 00
150
A
MICD_THR = 01
300
A
MICD_THR = 10
600
A
MICD_THR = 11
1200
A
MIC Short Circuit Detect Thresholds
MIC_SCTHR = 00
300
A
MIC_SCTHR = 01
600
A
MIC_SCTHR = 10
1200
A
MIC_SCTHR = 11
2400
A
Current detect and short circuit detect thresholds are subject to a +/-50% across temperature, supply and part-to-part
variation. This should be factored into any application design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com