Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8994ECS/R Datasheet(PDF) 99 Page - Cirrus Logic

Part # WM8994ECS/R
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8994ECS/R Datasheet(HTML) 99 Page - Cirrus Logic

Back Button WM8994ECS/R Datasheet HTML 95Page - Cirrus Logic WM8994ECS/R Datasheet HTML 96Page - Cirrus Logic WM8994ECS/R Datasheet HTML 97Page - Cirrus Logic WM8994ECS/R Datasheet HTML 98Page - Cirrus Logic WM8994ECS/R Datasheet HTML 99Page - Cirrus Logic WM8994ECS/R Datasheet HTML 100Page - Cirrus Logic WM8994ECS/R Datasheet HTML 101Page - Cirrus Logic WM8994ECS/R Datasheet HTML 102Page - Cirrus Logic WM8994ECS/R Datasheet HTML 103Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 363 page
background image
WM8994
Rev 4.6
99
AIF1 - INPUT PATH SOFT MUTE CONTROL
The WM8994 provides a soft mute function for each of the AIF1 interface input paths. When the soft-
mute function is selected, the WM8994 gradually attenuates the associated signal paths until the path
is entirely muted.
When the soft-mute function is de-selected, the gain will either return instantly to the digital gain
setting, or will gradually ramp back to the digital gain setting, depending on the applicable
_UNMUTE_RAMP register field.
The mute and un-mute ramp rate is selectable between two different rates.
The AIF1 input paths are soft-muted by default. To play back an audio signal, the soft-mute must first
be de-selected by setting the applicable Mute bit to 0.
The soft un-mute would typically be used during playback of audio data so that when the Mute is
subsequently disabled, a smooth transition is scheduled to the previous volume level and pop noise is
avoided. This is desirable when resuming playback after pausing during a track.
The soft un-mute would typically not be required when un-muting at the start of a music file, in order
that the first part of the music track is not attenuated. The instant un-mute behaviour is desirable in
this case, when starting playback of a new track.
See “DAC Soft Mute and Soft Un-Mute” (Figure 30)
for an illustration of the soft mute function.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1056 (0420h)
AIF1 DAC1
Filters (1)
9
AIF1DAC1_
MUTE
1
AIF1DAC1 input path (AIF1, Timeslot 0) Soft
Mute Control
0 = Un-mute
1 = Mute
5
AIF1DAC1_
MUTERAT
E
0
AIF1DAC1 input path (AIF1, Timeslot 0) Soft
Mute Ramp Rate
0 = Fast ramp (fs/2, maximum ramp time is
10.7ms at fs=48k)
1 = Slow ramp (fs/32, maximum ramp time is
171ms at fs=48k)
(Note: ramp rate scales with sample rate.)
4
AIF1DAC1_
UNMUTE_
RAMP
0
AIF1DAC1 input path (AIF1, Timeslot 0)
Unmute Ramp select
0 = Disabling soft-mute (AIF1DAC1_MUTE=0)
will cause the volume to change immediately to
AIF1DAC1L_VOL and AIF1DAC1R_VOL
settings
1 = Disabling soft-mute (AIF1DAC1_MUTE=0)
will cause the DAC volume to ramp up
gradually to the AIF1DAC1L_VOL and
AIF1DAC1R_VOL settings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com