Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8994ECS/R Datasheet(PDF) 25 Page - Cirrus Logic

Part # WM8994ECS/R
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8994ECS/R Datasheet(HTML) 25 Page - Cirrus Logic

Back Button WM8994ECS/R Datasheet HTML 21Page - Cirrus Logic WM8994ECS/R Datasheet HTML 22Page - Cirrus Logic WM8994ECS/R Datasheet HTML 23Page - Cirrus Logic WM8994ECS/R Datasheet HTML 24Page - Cirrus Logic WM8994ECS/R Datasheet HTML 25Page - Cirrus Logic WM8994ECS/R Datasheet HTML 26Page - Cirrus Logic WM8994ECS/R Datasheet HTML 27Page - Cirrus Logic WM8994ECS/R Datasheet HTML 28Page - Cirrus Logic WM8994ECS/R Datasheet HTML 29Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 363 page
background image
WM8994
Rev 4.6
25
MULTI-PATH CROSSTALK
Test Conditions
AVDD1=3.0V (powered from LDO1), DCVDD=1.0V (powered from LDO2), AVDD2=DBVDD=LDO2VDD=CPVDD=1.8V,
LDO1VDD=SPKVDD1=SPKVDD2=5V, DGND=AGND=CPGND=SPKGND1=SPKGND2=HP2GND=0V,
TA = +25
oC, 1kHz sinusoidal signal, fs = 48kHz, PGA gain = 0dB, 24-bit audio data unless otherwise stated.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
G1
Headset Voice Call:
DAC/Headset to Tx Voice
Separation
1kHz 0dBFS DAC playback direct
to HPOUT1L and HPOUT1R;
Quiescent input on IN1LN/P or
IN1RN/P (Gain=+12dB),
differential line output; Measure
crosstalk at differential line output
-
+
+12dB
IN1L or IN1R
(Single-ended or
differential mode)
0dB
0dB
Quiescent input
DACR
0dB
DACL
0dB
HPOUT1L
HPOUT1R
IN1LP or
IN1RP
IN1LN or
IN1RN
LINEOUT1N or
LINEOUT2N
LINEOUT1P or
LINEOUT2P
LINEOUT1NMIX or
LINEOUT2NMIX
HPOUT1LVOL
HPOUT1RVOL
LINEOUT1PMIX or
LINEOUT2PMIX
85
dB
G2
Speakerphone Voice Call:
DAC/Speaker to Tx Voice
Separation
1kHz 0dBFS DAC playback to
speakers, 1W/chan output;
Quiescent input on IN1LN/P or
IN1RN/P (Gain=+12dB),
differential line output; Measure
crosstalk at differential line output
-
+
+12dB
IN1L or IN1R
(Single-ended or
differential mode)
0dB
0dB
+
SPKMIXL
Quiescent input
DACL
RLOAD =
8Ohm
0dB
LINEOUT1N or
LINEOUT2N
LINEOUT1P or
LINEOUT2P
SPKOUTLP
SPKOUTLN
IN1LP or
IN1RP
IN1LN or
IN1RN
0dB
SPKLVOL
+
SPKMIXR
RLOAD =
8Ohm
0dB
SPKOUTRP
SPKOUTRN
0dB
SPKRVOL
DACR
LINEOUT1NMIX or
LINEOUT2NMIX
LINEOUT1PMIX or
LINEOUT2PMIX
100
dB
G3
Earpiece PCM Voice Call:
RXVOICE to Tx Voice Separation
fs=8kHz for ADC and DAC,
DAC_SB_FILT=1; -5dBFS, DAC
output to HPOUT2P-HPOUT2N;
Quiescent input on input PGA
(Gain=+12dB) to ADC via MIXINL
or MIXINR; Measure crosstalk at
ADC output
RLOAD =
32Ohm
MIXOUTLVOL or
MIXOUTRVOL
0dB
0dB
DACL or
DACR
+
MIXOUTL or
MIXOUTR
+
-
+
+12dB
MIXINL or
MIXINR
IN1L, IN2L,
IN1R or IN2R
ADCL or
ADCR
CROSSTALK
Quiescent
input
IN1LN, IN2LN,
IN1RN or IN2RN
IN1LP, IN2LP,
IN1RP or IN2RP
HPOUT2P
HPOUT2N
110
dB
G4
Speakerphone PCM Voice Call:
DAC/Speaker to ADC Separation
fs=8kHz for ADC and DAC,
DAC_SB_FILT=1; 0dBFS DAC
output to speaker (1W output);
ADC record from input PGA
(Gain=+30dB); Measure crosstalk
on ADC output
+
MIXINL or
MIXINR
ADCL or
ADCR
CROSSTALK
-
+
+30dB
IN1L, IN2L,
IN1R or IN2R
Quiescent
input
IN1LN, IN2LN,
IN1RN or IN2RN
IN1LP, IN2LP,
IN1RP or IN2RP
+
SPKMIXL
DACL
RLOAD =
8Ohm
0dB
SPKOUTLP
SPKOUTLN
0dB
SPKLVOL
+
SPKMIXR
RLOAD =
8Ohm
0dB
SPKOUTRP
SPKOUTRN
0dB
SPKRVOL
DACR
90
dB
G5
Speakerphone PCM Voice Call:
ADC to DAC/Speaker Separation
fs=8kHz for ADC and DAC,
DAC_SB_FILT=1; Quiescent DAC
output to speaker; ADC record
from input PGA (Gain=+30dB +
30dB boost); Measure crosstalk on
speaker output
+
MIXINL or
MIXINR
ADCL or
ADCR
-
+
+30dB
IN1L, IN2L,
IN1R or IN2R
1kHz input
IN1LN, IN2LN,
IN1RN or IN2RN
IN1LP, IN2LP,
IN1RP or IN2RP
+
SPKMIXL
DACL
RLOAD =
8Ohm
0dB
SPKOUTLP or
SPKOUTRP
SPKOUTLN or
SPKOUTRN
0dB
SPKLVOL
+30dB
gain
CROSSTALK
95
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com