Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8994ECS/R Datasheet(PDF) 60 Page - Cirrus Logic

Part # WM8994ECS/R
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8994ECS/R Datasheet(HTML) 60 Page - Cirrus Logic

Back Button WM8994ECS/R Datasheet HTML 56Page - Cirrus Logic WM8994ECS/R Datasheet HTML 57Page - Cirrus Logic WM8994ECS/R Datasheet HTML 58Page - Cirrus Logic WM8994ECS/R Datasheet HTML 59Page - Cirrus Logic WM8994ECS/R Datasheet HTML 60Page - Cirrus Logic WM8994ECS/R Datasheet HTML 61Page - Cirrus Logic WM8994ECS/R Datasheet HTML 62Page - Cirrus Logic WM8994ECS/R Datasheet HTML 63Page - Cirrus Logic WM8994ECS/R Datasheet HTML 64Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 363 page
background image
WM8994
60
Rev 4.6
DIGITAL PULL-UP AND PULL-DOWN
The WM8994 provides integrated pull-up and pull-down resistors on the DMICDAT1 and DMICDAT2
pins. This provides a flexible capability for interfacing with other devices. Each of the pull-up and pull-
down resistors can be configured independently using the register bits described in Table 12.
Note that, if the DMICDAT1 or DMICDAT2 digital microphone channels are disabled, or if
DMICDATn_PU and DMICDATn_PD are both set, then the pull-up and pull-down will be disabled on
the respective pin.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1824
(0720h)
Pull Control
(1)
11
DMICDAT2_PU
0
DMICDAT2 Pull-Up enable
0 = Disabled
1 = Enabled
10
DMICDAT2_PD
0
DMICDAT2 Pull-Down enable
0 = Disabled
1 = Enabled
9
DMICDAT1_PU
0
DMICDAT1 Pull-Up enable
0 = Disabled
1 = Enabled
8
DMICDAT1_PD
0
DMICDAT1 Pull-Down enable
0 = Disabled
1 = Enabled
Table 12 Digital Pull-Up and Pull-Down Control
ANALOGUE TO DIGITAL CONVERTER (ADC)
The WM8994 uses stereo 24-bit sigma-delta ADCs. The use of multi-bit feedback and high
oversampling rates reduces the effects of jitter and high frequency noise. The oversample rate can be
adjusted, if required, to reduce power consumption -
see “Clocking and Sample Rates” for details. The
ADC full scale input level is proportional to AVDD1 -
see “Electrical Characteristics”. Any input signal
greater than full scale may overload the ADC and cause distortion.
The ADCs are enabled by the ADCL_ENA and ADCR_ENA register bits.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R4 (0004h)
Power
Management (4)
1
ADCL_ENA
0
Left ADC Enable
0 = Disabled
1 = Enabled
0
ADCR_ENA
0
Right ADC Enable
0 = Disabled
1 = Enabled
Table 13 ADC Enable Control
The outputs of the ADCs can be routed to the Left/Right channels of AIF1 (Timeslot 0).
Digital volume control of the ADC outputs in the AIF1 signal paths is provided using the registers
described in the “Digital Volume and Filter Control” section.
The outputs of the ADCs can be routed, in a limited number of configurations, to the digital mixing
output bus, via the digital sidetone signal paths. See “Digital Mixing” for further details.
Digital volume control of the ADC outputs in the digital sidetone signal paths is provided using the
registers described in the “Digital Mixing” section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com