Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8994ECS/R Datasheet(PDF) 16 Page - Cirrus Logic

Part # WM8994ECS/R
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8994ECS/R Datasheet(HTML) 16 Page - Cirrus Logic

Back Button WM8994ECS/R Datasheet HTML 12Page - Cirrus Logic WM8994ECS/R Datasheet HTML 13Page - Cirrus Logic WM8994ECS/R Datasheet HTML 14Page - Cirrus Logic WM8994ECS/R Datasheet HTML 15Page - Cirrus Logic WM8994ECS/R Datasheet HTML 16Page - Cirrus Logic WM8994ECS/R Datasheet HTML 17Page - Cirrus Logic WM8994ECS/R Datasheet HTML 18Page - Cirrus Logic WM8994ECS/R Datasheet HTML 19Page - Cirrus Logic WM8994ECS/R Datasheet HTML 20Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 363 page
background image
WM8994
16
Rev 4.6
Test Conditions
TA = +25
oC.
With the exception of the condition(s) noted above, the following electrical characteristics are valid across the full range of
recommended operating conditions.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(*MIXOUTx_VOL=100
IN2LN, IN2RN, IN2LP or
IN2RP to MIXOUTL or
MIXOUTR
Gain = 0dB
(*MIXOUTx_VOL=000)
18
k
RXVOICE to MIXINL or
MIXINR
Gain = -12dB
(IN2LRP_MIXINx_VOL=001)
RXVOICE
RIN
RIN
VRXN
VRXP
MIXINL
or
MIXINR
48
k
RXVOICE to MIXINL or
MIXINR
Gain = 0dB
(IN2LRP_MIXINx_VOL=101)
12
k
RXVOICE to MIXINL or
MIXINR
Gain = +6dB
(IN2LRP_MIXINx_VOL=111)
6.0
k
Direct Voice to Earpiece
Gain = -6dB
(HPOUT2_VOL=1)
RIN
RIN
VRXN
VRXP
HPOUT2P
HPOUT2N
Direct
Voice Path
20
k
Ω
Direct Voice to Earpiece
Gain = 0dB
(HPOUT2_VOL=0)
10
k
Ω
Direct Voice to Speaker
Gain = 0dB
(SPKOUTx_BOOST=000)
RIN
RIN
VRXN
VRXP
SPKOUTLP or
SPKOUTRP
SPKOUTLN or
SPKOUTRN
Direct
Voice Path
170
k
Ω
Direct Voice to Speaker
Gain = +6dB
(SPKOUTx_BOOST=100)
85
k
Ω
Direct Voice to Speaker
Gain = +9dB
(SPKOUTx_BOOST=110)
60
k
Ω
Direct Voice to Speaker
Gain = +12dB
(SPKOUTx_BOOST=111)
43
k
Ω
Note 5: Input resistance will be seen in parallel with the resistance of other enabled input paths from the same pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com