Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8994ECS/R Datasheet(PDF) 82 Page - Cirrus Logic

Part # WM8994ECS/R
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8994ECS/R Datasheet(HTML) 82 Page - Cirrus Logic

Back Button WM8994ECS/R Datasheet HTML 78Page - Cirrus Logic WM8994ECS/R Datasheet HTML 79Page - Cirrus Logic WM8994ECS/R Datasheet HTML 80Page - Cirrus Logic WM8994ECS/R Datasheet HTML 81Page - Cirrus Logic WM8994ECS/R Datasheet HTML 82Page - Cirrus Logic WM8994ECS/R Datasheet HTML 83Page - Cirrus Logic WM8994ECS/R Datasheet HTML 84Page - Cirrus Logic WM8994ECS/R Datasheet HTML 85Page - Cirrus Logic WM8994ECS/R Datasheet HTML 86Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 363 page
background image
WM8994
82
Rev 4.6
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1107 (0453h)
AIF1 DRC2 (4)
10:5
AIF1DRC2_KNE
E_IP [5:0]
000000
AIF1 DRC2 Input signal level at the
Compressor ‘Knee’.
000000 = 0dB
000001 = -0.75dB
000010 = -1.5dB
… (-0.75dB steps)
111100 = -45dB
111101 = Reserved
11111X = Reserved
4:0
AIF1DRC2_KNE
E_OP [4:0]
00000
AIF1 DRC2 Output signal at the
Compressor ‘Knee’.
00000 = 0dB
00001 = -0.75dB
00010 = -1.5dB
… (-0.75dB steps)
11110 = -22.5dB
11111 = Reserved
R1108 (0454h)
AIF1 DRC2 (5)
9:5
AIF1DRC2_KNE
E2_IP [4:0]
00000
AIF1 DRC2 Input signal level at the
Noise Gate threshold ‘Knee2’.
00000 = -36dB
00001 = -37.5dB
00010 = -39dB
… (-1.5dB steps)
11110 = -81dB
11111 = -82.5dB
Only applicable when
AIF1DRC2_NG_ENA = 1.
4:0
AIF1DRC2_KNE
E2_OP [4:0]
00000
AIF1 DRC2 Output signal at the
Noise Gate threshold ‘Knee2’.
00000 = -30dB
00001 = -31.5dB
00010 = -33dB
… (-1.5dB steps)
11110 = -75dB
11111 = -76.5dB
Only applicable when
AIF1DRC2_KNEE2_OP_ENA = 1.
Table 25 AIF1 Timeslot 1 DRC Controls
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1344 (0540h)
AIF2 DRC (1)
8
AIF2DRC_NG_E
NA
0
AIF2 DRC Noise Gate Enable
0 = Disabled
1 = Enabled
5
AIF2DRC_KNEE
2_OP_ENA
0
AIF2 DRC KNEE2_OP Enable
0 = Disabled
1 = Enabled
4
AIF2DRC_QR
1
AIF2 DRC Quick-release Enable
0 = Disabled
1 = Enabled
3
AIF2DRC_ANTI
CLIP
1
AIF2 DRC Anti-clip Enable
0 = Disabled
1 = Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com