Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8994ECS/R Datasheet(PDF) 76 Page - Cirrus Logic

Part # WM8994ECS/R
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8994ECS/R Datasheet(HTML) 76 Page - Cirrus Logic

Back Button WM8994ECS/R Datasheet HTML 72Page - Cirrus Logic WM8994ECS/R Datasheet HTML 73Page - Cirrus Logic WM8994ECS/R Datasheet HTML 74Page - Cirrus Logic WM8994ECS/R Datasheet HTML 75Page - Cirrus Logic WM8994ECS/R Datasheet HTML 76Page - Cirrus Logic WM8994ECS/R Datasheet HTML 77Page - Cirrus Logic WM8994ECS/R Datasheet HTML 78Page - Cirrus Logic WM8994ECS/R Datasheet HTML 79Page - Cirrus Logic WM8994ECS/R Datasheet HTML 80Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 363 page
background image
WM8994
76
Rev 4.6
QUICK RELEASE CONTROL
The DRC includes a Quick-Release feature to handle short transient peaks that are not related to the
intended source signal. For example, in handheld microphone recording, transient signal peaks
sometimes occur due to user handling, key presses or accidental tapping against the microphone.
The Quick Release feature ensures that these transients do not cause the intended signal to be
masked by the longer time constants of [DRC]_DCY.
The Quick-Release feature is enabled by setting the [DRC]_QR bit. When this bit is enabled, the DRC
measures the crest factor (peak to RMS ratio) of the input signal. A high crest factor is indicative of a
transient peak that may not be related to the intended source signal. If the crest factor exceeds the
level set by [DRC]_QR_THR, then the normal decay rate ([DRC]_DCY) is ignored and a faster decay
rate ([DRC]_QR_DCY) is used instead.
Note that the Quick Release feature should not be enabled at the same time as the Anti-Clip feature
(described above) on the same DRC.
SIGNAL ACTIVITY DETECT
The DRC incorporates a configurable signal detect function, allowing the signal level at the DRC input
to be monitored and to be used to trigger other events. This can be used to detect the presence of a
microphone signal on an ADC or digital mic channel, or can be used to detect an audio signal
received over the digital audio interface.
The Peak signal level or the RMS signal level of the DRC input can be selected as the detection
threshold. When the threshold condition is exceeded, an interrupt or GPIO output can be generated.
See “General Purpose Input/Output” for a full description of the applicable control fields.
DRC REGISTER CONTROLS
The AIF1DRC1 control registers are described in Table 24. The AIF1DRC2 control registers are
described in Table 25. The AIF2DRC control registers are described in Table 26.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1088 (0440h)
AIF1 DRC1 (1)
8
AIF1DRC1_NG_
ENA
0
AIF1 DRC1 Noise Gate Enable
0 = Disabled
1 = Enabled
5
AIF1DRC1_KNE
E2_OP_ENA
0
AIF1 DRC1 KNEE2_OP Enable
0 = Disabled
1 = Enabled
4
AIF1DRC1_QR
1
AIF1 DRC1 Quick-release Enable
0 = Disabled
1 = Enabled
3
AIF1DRC1_ANTI
CLIP
1
AIF1 DRC1 Anti-clip Enable
0 = Disabled
1 = Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com