Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8994ECS/R Datasheet(PDF) 14 Page - Cirrus Logic

Part # WM8994ECS/R
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8994ECS/R Datasheet(HTML) 14 Page - Cirrus Logic

Back Button WM8994ECS/R Datasheet HTML 10Page - Cirrus Logic WM8994ECS/R Datasheet HTML 11Page - Cirrus Logic WM8994ECS/R Datasheet HTML 12Page - Cirrus Logic WM8994ECS/R Datasheet HTML 13Page - Cirrus Logic WM8994ECS/R Datasheet HTML 14Page - Cirrus Logic WM8994ECS/R Datasheet HTML 15Page - Cirrus Logic WM8994ECS/R Datasheet HTML 16Page - Cirrus Logic WM8994ECS/R Datasheet HTML 17Page - Cirrus Logic WM8994ECS/R Datasheet HTML 18Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 363 page
background image
WM8994
14
Rev 4.6
ELECTRICAL CHARACTERISTICS
INPUT SIGNAL LEVEL
Test Conditions
AVDD1 = 3.0V.
With the exception of the condition(s) noted above, the following electrical characteristics are valid across the full range of
recommended operating conditions.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
A1
Full-Scale PGA Input
Signal Level
See notes 1, 2, 3 and 4
Single-ended PGA input
-
+
IN1L,
IN2L,
IN1R or
IN2R
VMID
IN1LN,
IN2LN,
IN1RN or
IN2RN
1.0
0
Vrms
dBV
Differential PGA input
-
+
IN1L,
IN2L,
IN1R or
IN2R
IN1LN,
IN2LN,
IN1RN or
IN2RN
IN1LP,
IN2LP,
IN1RP or
IN2RP
1.0
0
Vrms
dBV
A2
Full-Scale Line Input
Signal Level
See notes 1, 2, 3 and 4
Single-ended Line input to
MIXINL/R, SPKMIXL/R or
MIXOUTL/R mixers
Mixer
IN1LP,
IN2LN,
IN2LP,
IN1RP,
IN2RN or
IN2RP
+
1.0
0
Vrms
dBV
Differential mono line
input on VRXP/VRXN to
RXVOICE or Direct Voice
paths to speaker outputs
or earpiece output
-
+
RXVOICE or
Direct Voice paths
VXRN
VXRP
1.0
0
Vrms
dBV
Notes:
1.
The full-scale input signal level changes in proportion with AVDD1. It is calculated as AVDD1/3.0.
2.
When mixing line inputs, input PGA outputs and DAC outputs the total signal must not exceed 1.0Vrms (0dBV).
3.
A 1.0Vrms differential signal equates to 0.5Vrms/-6dBV per input.
4.
A sinusoidal input signal is assumed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com