Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8994ECS/R Datasheet(PDF) 91 Page - Cirrus Logic

Part # WM8994ECS/R
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8994ECS/R Datasheet(HTML) 91 Page - Cirrus Logic

Back Button WM8994ECS/R Datasheet HTML 87Page - Cirrus Logic WM8994ECS/R Datasheet HTML 88Page - Cirrus Logic WM8994ECS/R Datasheet HTML 89Page - Cirrus Logic WM8994ECS/R Datasheet HTML 90Page - Cirrus Logic WM8994ECS/R Datasheet HTML 91Page - Cirrus Logic WM8994ECS/R Datasheet HTML 92Page - Cirrus Logic WM8994ECS/R Datasheet HTML 93Page - Cirrus Logic WM8994ECS/R Datasheet HTML 94Page - Cirrus Logic WM8994ECS/R Datasheet HTML 95Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 363 page
background image
WM8994
Rev 4.6
91
3D STEREO EXPANSION
The 3D Stereo Expansion is an audio enhancement feature which can be enabled in the digital
playback path of the WM8994 audio interfaces. This feature uses configurable cross-talk mechanisms
to adjust the depth or width of the stereo audio.
The WM8994 provides three 3D Stereo Expansion circuits; these are associated with AIF1 timeslot 0,
AIF1 timeslot 1 and AIF2 respectively. The 3D Stereo Expansion is enabled and controlled in these
signal paths using the register bits described in Table 33.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1057 (0421h)
AIF1 DAC1
Filters (2)
13:9
AIF1DAC1_3D_G
AIN
00000
AIF1DAC1 playback path (AIF1,
Timeslot 0) 3D Stereo depth
00000 = Off
00001 = Minimum (-16dB)
…(0.915dB steps)
11111 = Maximum (+11.45dB)
8
AIF1DAC1_3D_E
NA
0
Enable 3D Stereo in AIF1DAC1
playback path (AIF1, Timeslot 0)
0 = Disabled
1 = Enabled
R1059 (0423h)
AIF1 DAC2
Filters (2)
13:9
AIF1DAC2_3D_G
AIN
00000
AIF1DAC2 playback path (AIF1,
Timeslot 1) 3D Stereo depth
00000 = Off
00001 = Minimum (-16dB)
…(0.915dB steps)
11111 = Maximum (+11.45dB)
8
AIF1DAC2_3D_E
NA
0
Enable 3D Stereo in AIF1DAC2
playback path (AIF1, Timeslot 1)
0 = Disabled
1 = Enabled
R1313 (0521h)
AIF2 DAC
Filters (2)
13:9
AIF2DAC_3D_GA
IN
00000
AIF2DAC playback path 3D Stereo
depth
00000 = Off
00001 = Minimum (-16dB)
…(0.915dB steps)
11111 = Maximum (+11.45dB)
8
AIF2DAC_3D_EN
A
0
Enable 3D Stereo in AIF2DAC
playback path
0 = Disabled
1 = Enabled
Table 33 3D Stereo Expansion Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com