Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8994ECS/R Datasheet(PDF) 22 Page - Cirrus Logic

Part # WM8994ECS/R
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8994ECS/R Datasheet(HTML) 22 Page - Cirrus Logic

Back Button WM8994ECS/R Datasheet HTML 18Page - Cirrus Logic WM8994ECS/R Datasheet HTML 19Page - Cirrus Logic WM8994ECS/R Datasheet HTML 20Page - Cirrus Logic WM8994ECS/R Datasheet HTML 21Page - Cirrus Logic WM8994ECS/R Datasheet HTML 22Page - Cirrus Logic WM8994ECS/R Datasheet HTML 23Page - Cirrus Logic WM8994ECS/R Datasheet HTML 24Page - Cirrus Logic WM8994ECS/R Datasheet HTML 25Page - Cirrus Logic WM8994ECS/R Datasheet HTML 26Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 363 page
background image
WM8994
22
Rev 4.6
Test Conditions
AVDD1=3.0V (powered from LDO1), DCVDD=1.0V (powered from LDO2), AVDD2=DBVDD=LDO2VDD=CPVDD=1.8V,
LDO1VDD=SPKVDD1=SPKVDD2=5V, DGND=AGND=CPGND=SPKGND1=SPKGND2=HP2GND=0V,
TA = +25
oC, 1kHz sinusoidal signal, fs = 48kHz, PGA gain = 0dB, 24-bit audio data unless otherwise stated.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
E13
Speaker Output Power (Load = 8
 + 22H BTL, Stereo Mode)
Output Power
SPKVDD1=
SPKVDD2=5.0V
THD+N
≤ 1%
Class AB
1
W
Class D
1
SPKVDD1=
SPKVDD2=4.2V
THD+N
≤ 1%
Class AB
0.95
Class D
0.95
SPKVDD1=
SPKVDD2=3.7V
THD+N
≤ 1%
Class AB
0.75
Class D
0.75
Note th
at the maximum recommended speaker output power is 1W per channel into 8Ω.
Output levels that exceed this limit are not guaranteed and may cause damage to the WM8994.
Speaker Output Power (Load = 4
 + 22H BTL, Stereo Mode)
Output Power
SPKVDD1=
SPKVDD2=5.0V
THD+N
≤ 1%
Class D
(see note below)
2.3
W
SPKVDD1=
SPKVDD2=4.2V
THD+N
≤ 1%
Class D
1.6
SPKVDD1=
SPKVDD2=3.7V
THD+N
≤ 1%
Class D
1.2
Speaker Output Power (Load = 4
 + 22H BTL, Mono Mode)
Output Power
SPKVDD1=
SPKVDD2=5.0V
THD+N
≤ 1%
Class AB
(see note below)
2.7
W
Class D
(see note below)
2.7
Note that the maximum recommended speaker output power is 2W per channel into 4Ω.
Output levels that exceed this limit are not guaranteed and may cause damage to the WM8994.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com