Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8994ECS/R Datasheet(PDF) 93 Page - Cirrus Logic

Part # WM8994ECS/R
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8994ECS/R Datasheet(HTML) 93 Page - Cirrus Logic

Back Button WM8994ECS/R Datasheet HTML 89Page - Cirrus Logic WM8994ECS/R Datasheet HTML 90Page - Cirrus Logic WM8994ECS/R Datasheet HTML 91Page - Cirrus Logic WM8994ECS/R Datasheet HTML 92Page - Cirrus Logic WM8994ECS/R Datasheet HTML 93Page - Cirrus Logic WM8994ECS/R Datasheet HTML 94Page - Cirrus Logic WM8994ECS/R Datasheet HTML 95Page - Cirrus Logic WM8994ECS/R Datasheet HTML 96Page - Cirrus Logic WM8994ECS/R Datasheet HTML 97Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 363 page
background image
WM8994
Rev 4.6
93
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1028
(0404h)
AIF1 ADC2
Left Volume
8
AIF1ADC2_
VU
N/A
AIF1ADC2 output path (AIF1, Timeslot 1)
Volume Update
Writing a 1 to this bit will cause the
AIF1ADC2L and AIF1ADC2R volume to be
updated simultaneously
7:0
AIF1ADC2L
_VOL [7:0]
C0h
(0dB)
AIF1ADC2 (Left) output path (AIF1, Timeslot
1) Digital Volume
00h = MUTE
01h = -71.625dB
… (0.375dB steps)
EFh = +17.625dB
(See Table 35 for volume range)
R1029
(0405h)
AIF1 ADC2
Right Volume
8
AIF1ADC2_
VU
N/A
AIF1ADC2 output path (AIF1, Timeslot 1)
Volume Update
Writing a 1 to this bit will cause the
AIF1ADC2L and AIF1ADC2R volume to be
updated simultaneously
7:0
AIF1ADC2R
_VOL [7:0]
C0h
(0dB)
AIF1ADC2 (Right) output path (AIF1, Timeslot
1) Digital Volume
00h = MUTE
01h = -71.625dB
… (0.375dB steps)
EFh = +17.625dB
(See Table 35 for volume range)
Table 34 AIF1 Output Path Volume Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com