Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8994ECS/R Datasheet(PDF) 107 Page - Cirrus Logic

Part # WM8994ECS/R
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8994ECS/R Datasheet(HTML) 107 Page - Cirrus Logic

Back Button WM8994ECS/R Datasheet HTML 103Page - Cirrus Logic WM8994ECS/R Datasheet HTML 104Page - Cirrus Logic WM8994ECS/R Datasheet HTML 105Page - Cirrus Logic WM8994ECS/R Datasheet HTML 106Page - Cirrus Logic WM8994ECS/R Datasheet HTML 107Page - Cirrus Logic WM8994ECS/R Datasheet HTML 108Page - Cirrus Logic WM8994ECS/R Datasheet HTML 109Page - Cirrus Logic WM8994ECS/R Datasheet HTML 110Page - Cirrus Logic WM8994ECS/R Datasheet HTML 111Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 363 page
background image
WM8994
Rev 4.6
107
DAC DIGITAL VOLUME
The output level of each DAC can be controlled digitally over a range from -71.625dB to 0dB in
0.375dB steps. The level of attenuation for an eight-bit code X is given by:
0.375
 (X-192) dB for 1  X  192;
MUTE for X = 0;
0dB for 192
 X  255
Each of the DACs can be muted using the soft mute control bits described in Table 50. The WM8994
always applies a soft mute, where the volume is decreased gradually. The un-mute behaviour is
configurable, as described in the “DAC Soft Mute and Soft Un-Mute” section.
The DAC1_VU and DAC2_VU bits control the loading of digital volume control data. When DAC1_VU
is set to 0, the DAC1L_VOL or DAC1R_VOL control data will be loaded into the respective control
register, but will not actually change the digital gain setting. Both left and right gain settings are
updated when a 1 is written to DAC1_VU. This makes it possible to update the gain of both channels
simultaneously. A similar function for DAC2L and DAC2R is controlled by the DAC2_VU register bit.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1552 (0610h)
DAC1 Left
Volume
9
DAC1L_MU
TE
1
DAC1L Soft Mute Control
0 = DAC Un-mute
1 = DAC Mute
8
DAC1_VU
N/A
DAC1L and DAC1R Volume Update
Writing a 1 to this bit will cause the
DAC1L and DAC1R volume to be
updated simultaneously
7:0
DAC1L_VO
L [7:0]
C0h
(0dB)
DAC1L Digital Volume
00h = MUTE
01h = -71.625dB
… (0.375dB steps)
C0h = 0dB
FFh = 0dB
(See Table 51 for volume range)
R1553 (0611h)
DAC1 Right
Volume
9
DAC1R_MU
TE
1
DAC1R Soft Mute Control
0 = DAC Un-mute
1 = DAC Mute
8
DAC1_VU
N/A
DAC1L and DAC1R Volume Update
Writing a 1 to this bit will cause the
DAC1L and DAC1R volume to be
updated simultaneously
7:0
DAC1R_VO
L [7:0]
C0h
(0dB)
DAC1R Digital Volume
00h = MUTE
01h = -71.625dB
… (0.375dB steps)
C0h = 0dB
FFh = 0dB
(See Table 51 for volume range)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com