Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8994ECS/R Datasheet(PDF) 171 Page - Cirrus Logic

Part # WM8994ECS/R
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8994ECS/R Datasheet(HTML) 171 Page - Cirrus Logic

Back Button WM8994ECS/R Datasheet HTML 167Page - Cirrus Logic WM8994ECS/R Datasheet HTML 168Page - Cirrus Logic WM8994ECS/R Datasheet HTML 169Page - Cirrus Logic WM8994ECS/R Datasheet HTML 170Page - Cirrus Logic WM8994ECS/R Datasheet HTML 171Page - Cirrus Logic WM8994ECS/R Datasheet HTML 172Page - Cirrus Logic WM8994ECS/R Datasheet HTML 173Page - Cirrus Logic WM8994ECS/R Datasheet HTML 174Page - Cirrus Logic WM8994ECS/R Datasheet HTML 175Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 363 page
background image
WM8994
Rev 4.6
171
AUDIO DATA FORMATS (TDM MODE)
TDM is supported in master and slave modes. All audio interface data formats support time division
multiplexing (TDM) for ADC and DAC data.
When more than one pair of ADC or DAC data channels is enabled on AIF1, the WM8994 will transmit
and receive data in both Slot 0 and Slot 1.
In the case of AIF2, the ADC or DAT data can be transmitted or received in either timeslot; the
required timeslot is selected using register control bits when TDM is enabled.
When TDM is enabled, the ADCDAT pin will be tri-stated immediately before and immediately after
data transmission, to allow another ADC device to drive this signal line for the remainder of the
sample period. Note that it is important that two ADC devices do not attempt to drive the data pin
simultaneously. A short circuit may occur if the transmission time of the two ADC devices overlap with
each other. See “Audio Interface Timing” for details of the ADCDAT output relative to BCLK signal.
Note that it is possible to ensure a gap exists between transmissions by setting the transmitted word
length to a value higher than the actual length of the data. For example, if 32-bit word length is
selected where only 24-bit data is available, then the WM8994 interface will tri-state after transmission
of the 24-bit data, ensuring a gap after the WM8994 TDM slot.
On AIF1, TDM can be used to transmit or receive up to four signal paths. Each enabled signal path is
transmitted (on ADCDAT) or received (on DACDAT) sequentially. If one or more of the signal paths is
disabled, then the position of remaining data blocks within the LRCLK frame may differ from those
illustrated in Figure 57 to Figure 61, as the
affected channel(s) will revert to the ‘normal’ (non-TDM)
format. When the AIF1ADC_TDM register is set, then the ADCDAT1 output is tri-stated when not
outputting data.
On AIF2, the TDM format is enabled by register control (AIF2ADC_TDM and AIF2DAC_TDM for the
output and input paths respectively). When TDM is enabled on AIF2, the data formats shown in Figure
57 to Figure 61 are always selected, and the WM8994 transmits or receives data in one of the two
available timeslots; the ADCDAT2 output is tri-stated when not outputting data.
In all cases, the BCLK frequency must be high enough to allow data from the relevant time slots to be
transferred. The relative timing of Slot 0 and Slot 1 depends upon the selected data format; the TDM
timing for four input or output channels is shown in Figure 57 to Figure 61.
SLOT 0
LEFT CHANNEL
RIGHT CHANNEL
1/fs
LRCLK
BCLK
DACDAT/
ADCDAT
SLOT 1
SLOT 0
SLOT 1
Figure 57 TDM in Right-Justified Mode
LEFT CHANNEL
RIGHT CHANNEL
1/fs
LRCLK
BCLK
DACDAT/
ADCDAT
SLOT 0
SLOT 1
SLOT 0
SLOT 1
Figure 58 TDM in Left-Justified Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com