Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8994ECS/R Datasheet(PDF) 264 Page - Cirrus Logic

Part # WM8994ECS/R
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8994ECS/R Datasheet(HTML) 264 Page - Cirrus Logic

Back Button WM8994ECS/R Datasheet HTML 260Page - Cirrus Logic WM8994ECS/R Datasheet HTML 261Page - Cirrus Logic WM8994ECS/R Datasheet HTML 262Page - Cirrus Logic WM8994ECS/R Datasheet HTML 263Page - Cirrus Logic WM8994ECS/R Datasheet HTML 264Page - Cirrus Logic WM8994ECS/R Datasheet HTML 265Page - Cirrus Logic WM8994ECS/R Datasheet HTML 266Page - Cirrus Logic WM8994ECS/R Datasheet HTML 267Page - Cirrus Logic WM8994ECS/R Datasheet HTML 268Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 264 / 363 page
background image
WM8994
264
Rev 4.6
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R33 (21h)
Right OPGA
Volume
8
MIXOUT_VU
0
Mixer Output PGA Volume Update
Writing a 1 to this bit will update MIXOUTLVOL and
MIXOUTRVOL volumes simultaneously.
7
MIXOUTR_ZC
0
MIXOUTRVOL (Right Mixer Output PGA) Zero Cross
Enable
0 = Zero cross disabled
1 = Zero cross enabled
6
MIXOUTR_MUT
E_N
1
MIXOUTLVOL (Right Mixer Output PGA) Mute
0 = Mute
1 = Un-mute
5:0
MIXOUTR_VOL
[5:0]
11_1001
MIXOUTRVOL (Right Mixer Output PGA) Volume
-57dB to +6dB in 1dB steps
00_0000 = -57dB
00_0001 = -56dB
… (1dB steps)
11_1111 = +6dB
Register 21h Right OPGA Volume
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R34 (22h)
SPKMIXL
Attenuation
8
SPKAB_REF_S
EL
0
Selects Reference for Speaker in Class AB mode
0 = SPKVDD/2
1 = VMID
6
DAC2L_SPKMIX
L_VOL
0
Left DAC2 to SPKMIXL Fine Volume Control
0 = 0dB
1 = -3dB
5
MIXINL_SPKMI
XL_VOL
0
MIXINL (Left ADC bypass) to SPKMIXL Fine Volume
Control
0 = 0dB
1 = -3dB
4
IN1LP_SPKMIX
L_VOL
0
IN1LP to SPKMIXL Fine Volume Control
0 = 0dB
1 = -3dB
3
MIXOUTL_SPK
MIXL_VOL
0
Left Mixer Output to SPKMIXL Fine Volume Control
0 = 0dB
1 = -3dB
2
DAC1L_SPKMIX
L_VOL
0
Left DAC1 to SPKMIXL Fine Volume Control
0 = 0dB
1 = -3dB
1:0
SPKMIXL_VOL
[1:0]
11
Left Speaker Mixer Volume Control
00 = 0dB
01 = -6dB
10 = -12dB
11 = Mute
Register 22h SPKMIXL Attenuation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com