Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8994ECS/R Datasheet(PDF) 318 Page - Cirrus Logic

Part # WM8994ECS/R
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8994ECS/R Datasheet(HTML) 318 Page - Cirrus Logic

Back Button WM8994ECS/R Datasheet HTML 314Page - Cirrus Logic WM8994ECS/R Datasheet HTML 315Page - Cirrus Logic WM8994ECS/R Datasheet HTML 316Page - Cirrus Logic WM8994ECS/R Datasheet HTML 317Page - Cirrus Logic WM8994ECS/R Datasheet HTML 318Page - Cirrus Logic WM8994ECS/R Datasheet HTML 319Page - Cirrus Logic WM8994ECS/R Datasheet HTML 320Page - Cirrus Logic WM8994ECS/R Datasheet HTML 321Page - Cirrus Logic WM8994ECS/R Datasheet HTML 322Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 318 / 363 page
background image
WM8994
318
Rev 4.6
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
Volume
7:0
AIF2ADCL_VOL
[7:0]
1100_0000
AIF2ADC (Left) output path Digital Volume
00h = MUTE
01h = -71.625dB
… (0.375dB steps)
EFh = +17.625dB
Register 0500h AIF2 ADC Left Volume
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R1281
(0501h) AIF2
ADC Right
Volume
8
AIF2ADC_VU
0
AIF2ADC output path Volume Update
Writing a 1 to this bit will cause the AIF2ADCL and
AIF2ADCR volume to be updated simultaneously
7:0
AIF2ADCR_VOL
[7:0]
1100_0000
AIF2ADC (Right) output path Digital Volume
00h = MUTE
01h = -71.625dB
… (0.375dB steps)
EFh = +17.625dB
Register 0501h AIF2 ADC Right Volume
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R1282
(0502h) AIF2
DAC Left
Volume
8
AIF2DAC_VU
0
AIF2DAC input path Volume Update
Writing a 1 to this bit will cause the AIF2DACL and
AIF2DACR volume to be updated simultaneously
7:0
AIF2DACL_VOL
[7:0]
1100_0000
AIF2DAC (Left) input path Digital Volume
00h = MUTE
01h = -71.625dB
… (0.375dB steps)
C0h = 0dB
FFh = 0dB
Register 0502h AIF2 DAC Left Volume
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R1283
(0503h) AIF2
DAC Right
Volume
8
AIF2DAC_VU
0
AIF2DAC input path Volume Update
Writing a 1 to this bit will cause the AIF2DACL and
AIF2DACR volume to be updated simultaneously
7:0
AIF2DACR_VOL
[7:0]
1100_0000
AIF2DAC (Right) input path Digital Volume
00h = MUTE
01h = -71.625dB
… (0.375dB steps)
C0h = 0dB
FFh = 0dB
Register 0503h AIF2 DAC Right Volume
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R1296
14:13
AIF2ADC_HPF_
00
AIF2ADC output path Digital HPF Cut-Off Frequency (fc)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com